Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C11 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # BZX85C11
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BZX85C11 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  BZX85C11 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd BZX85C11 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd BZX85C11 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZX 85
SILICON PLANAR POWER ZENER DIODES
Zener Voltage range
1)
Dynamic recsistance
3)
Reverse
leakage
current
Temp
coefficient
Zener Voltage
Vznom
IZT
for
VZT
2)
rZJT
Rzjt at
Izk
IR
2)
at
VR
TKVZ
TYPE
V
mA
V
Ω
Ω
mA
µA
V
%/K
BZX 85/C 2V7
2.7
80
2.5
…2.9
20
400
1
150
1
-0.08
…-0.05
BZX 85/C 3V0
3
80
2.8
…3.2
20
400
1
100
1
-0.08
…-0.05
BZX 85/C 3V3
3.3
70
3.1
…3.5
20
400
1
40
1
-0.08
…-0.05
BZX 85/C 3V6
3.6
60
3.4
…3.8
15
500
1
20
1
-0.08
…-0.05
BZX 85/C 3V9
3.9
60
3.7
…4.1
15
500
1
10
1
-0.07
…-0.02
BZX 85/C 4V3
4.3
50
4.0
…4.6
13
500
1
3
1
-0.07
…+0.01
BZX 85/C 4V7
4.7
45
4.4
…5.0
13
600
1
3
1
-0.03
…+0.04
BZX 85/C 5V1
5.1
45
4.8
…5.4
10
500
1
1
1.5
-0.01
…+0.04
BZX 85/C 5V6
5.6
45
5.2
…6.0
7
400
1
1
2
0
…+0.045
BZX 85/C 6V2
6.2
35
5.8
…6.6
4
300
1
1
3
+0.01
…+0.055
BZX 85/C 6V8
6.8
35
6.4
…7.2
3.5
300
1
1
4
+0.015
…+0.06
BZX 85/C 7V5
7.5
35
7.0
…7.9
3
200
0.5
1
4.5
+0.02
…+0.065
BZX 85/C 8V2
8.2
25
7.7
…8.7
5
200
0.5
1
6.2
0.03
…0.07
BZX 85/C 9V1
9.1
25
8.5
…9.6
5
200
0.5
1
6.8
0.03
…0.075
BZX 85/C 10
10
25
9.4
…10.6
7
200
0.5
0.5
7
0.04
…0.08
BZX 85/C 11
11
20
10.4
…11.6
8
300
0.5
0.5
8.2
0.045
…0.08
BZX 85/C 12
12
20
11.4
…12.7
9
350
0.5
0.5
9.1
0.045
…0.085
BZX 85/C 13
13
20
12.4
…14.1
10
400
0.5
0.5
10
0.05
…0.085
BZX 85/C 15
15
15
13.8
…15.6
15
500
0.5
0.5
11
0.055
…0.09
BZX 85/C 16
16
15
15.3
…17.1
15
500
0.5
0.5
12
0.055
…0.09
BZX 85/C 18
18
15
16.8
…19.1
20
400
0.5
0.5
13
0.06
…0.09
BZX 85/C 20
20
10
18.8
…21.2
24
600
0.5
0.5
15
0.06
…0.09
BZX 85/C 22
22
10
20.8
…23.3
25
600
0.5
0.5
16
0.06
…0.095
BZX 85/C 24
24
10
22.8
…25.6
25
600
0.5
0.5
18
0.06
…0.095
BZX 85/C 27
27
8
25.1
…28.9
30
750
0.25
0.5
20
0.06
…0.095
BZX 85/C 30
30
8
28
…32
30
1000
0.25
0.5
22
0.06
…0.095
BZX 85/C 33
33
8
31
…35
35
1000
0.25
0.5
24
0.06
…0.095
BZX 85/C 36
36
8
34
…38
40
1000
0.25
0.5
27
0.06
…0.095
BZX 85/C 39
39
6
37
…41
50
1000
0.25
0.5
30
0.06
…0.095
BZX 85/C 43
43
6
40
…46
50
1000
0.25
0.5
33
0.06
…0.095
BZX 85/C 47
47
4
44
…50
90
1500
0.25
0.5
36
0.06
…0.095
BZX 85/C 51
51
4
48
…54
115
1500
0.25
0.5
39
0.06
…0.095
BZX 85/C 56
56
4
52
…60
120
2000
0.25
0.5
43
0.06
…0.095
BZX 85/C 62
62
4
58
…66
125
2000
0.25
0.5
47
0.06
…0.095
BZX 85/C 68
68
4
64
…72
130
2000
0.25
0.5
51
0.06
…0.095
BZX 85/C 75
75
4
70
…79
135
2000
0.25
0.5
56
0.06
…0.095
BZX 85/C 82
82
2.7
77
…87
200
3000
0.25
0.5
62
0.07
…0.10
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - BZX85C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C11 VISHAY-BZX85C11 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C11 TSC-BZX85C11 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C11 NJSEMI-BZX85C11 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C11 FAIRCHILD-BZX85C11 Datasheet
49Kb / 3P
   Zeners
logo
Tak Cheong Electronics ...
BZX85C11 TAK_CHEONG-BZX85C11 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C11

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com