Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10095039 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # 10095039
Description  ChromaFlair짰 T-Spec Light Interference Pigments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

10095039 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  10095039 Datasheet HTML 1Page - JDS Uniphase Corporation 10095039 Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DECORATIVE
Key Features
• Opaque, thin, multi-layered microflakes
• Dramatic color changes when viewed from different angles
• Easy to stir in or incorporate into paints and dyes
• OEM automotive durable
ChromaFlair pigments are unique, multi-layer pigment flakes that give paints,
coatings, plastics, textiles and packaging the ability to change color when viewed
from different angles. Created using a revolutionary thin-film technology, each
flake exhibits a wide range of hues depending on the angle at which it is viewed
and the angle of incidence of light – a dramatic color shift that is even achievable
in low-light environments. Highly chromatic, durable and easy to incorporate,
ChromaFlair pigments can add value and appeal to virtually any product where
color is a key differentiating factor.
ChromaFlair T-Spec is particularly suited for the OEM automotive and
refinishing industries, where tighter and more consistent color tolerances are
required. Seven standard colors are currently available and their names reflect the
color seen at approximately 0° and 45° respectively, the number represents the
pigment’s approximate hue at normal viewing angle.
Applications
•Decorative effects
• Product differentiation
• Broad range of custom applications
in automotive and consumer
product industries
ChromaFlair® T-Spec Light Interference Pigments
Seeing Color In A Whole New Light
TELEPHONE
: 707 525-7007
WEBSITE
: www.jdsu.com
FAX
: 707 525-7537


Similar Part No. - 10095039

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
10095049 JDSU-10095049 Datasheet
115Kb / 2P
   ChromaFlair짰 L-Spec Light Interference Pigments
10095050 JDSU-10095050 Datasheet
115Kb / 2P
   ChromaFlair짰 L-Spec Light Interference Pigments
10095052 JDSU-10095052 Datasheet
115Kb / 2P
   ChromaFlair짰 L-Spec Light Interference Pigments
10095053 JDSU-10095053 Datasheet
115Kb / 2P
   ChromaFlair짰 L-Spec Light Interference Pigments
10095054 JDSU-10095054 Datasheet
115Kb / 2P
   ChromaFlair짰 L-Spec Light Interference Pigments
More results

Similar Description - 10095039

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
10095049 JDSU-10095049 Datasheet
115Kb / 2P
   ChromaFlair짰 L-Spec Light Interference Pigments
30117716 JDSU-30117716 Datasheet
225Kb / 2P
   ChromaFlair짰 ColorShift Glitter
logo
List of Unclassifed Man...
CTL-24 ETC-CTL-24 Datasheet
19Kb / 1P
   C. T. LIGHT
logo
Hamamatsu Corporation
S12742-254 HAMAMATSU-S12742-254_15 Datasheet
165Kb / 4P
   Photodiode with interference filter for monochromatic light (254 nm) detection
logo
TRIAD MAGNETICS
SP-66 TRIAD-SP-66_V01 Datasheet
233Kb / 1P
   Audio Transformer MIL-T-27E High Reliability : “Red Spec” Series
2017
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
   MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
   MODULE SPEC
COG-C177MVH-01 VARITRONIX-COG-C177MVH-01 Datasheet
130Kb / 1P
   MODULE SPEC
logo
Bel Fuse Inc.
X5536500D1-F BEL-X5536500D1-F Datasheet
65Kb / 2P
   ELECTRICAL SPEC
logo
Tontek Design Technolog...
TTP252 TONTEK-TTP252 Datasheet
391Kb / 40P
   Target Spec.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com