Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS1550-2SC24 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # BBS1550-2SC24
Description  Benchtop Broadband Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

BBS1550-2SC24 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  BBS1550-2SC24 Datasheet HTML 1Page - JDS Uniphase Corporation BBS1550-2SC24 Datasheet HTML 2Page - JDS Uniphase Corporation BBS1550-2SC24 Datasheet HTML 3Page - JDS Uniphase Corporation BBS1550-2SC24 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDS Uniphase directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
sales@jdsu.com.
Standard Accessories
Part Number
Description
ED000899-A-00 Standard 19-inch rackmount kit
Optional Accessories
Part Number
Description
ED000899-A-01 Rackmount kit (Japan)
Sample : BBS1550+2FP02
BBS
+2
Code
Model
1550
C-band, 1527 to 1568 nm
1590
L-band, 1565 to 1610 nm
Code
Connector Type
FP
FC/PC
FA
FC/APC
SC
SC/PC
SU
SC/APC
Code
Output power
0
Standard output power
(available for BBS1590)
2
150 mW output power
(available for BBS1550 and BBS1590)
3
250 mW output power
(available for BBS1550)
Code
Connectors
0
Standard one output connector
4
Optional four output connectors
for BBS1550
BENCHTOP BROADBAND SOURCE
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10109643 Rev. 007 10/06
NORTH AMERICA
TOLL FREE
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
WEBSITE
: www.jdsu.com


Similar Part No. - BBS1550-2SC24

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BBS KEXIN-BBS Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
ETA-USA
BBS ETA-USA-BBS Datasheet
936Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
logo
Christian Bürkert GmbH ...
BBS-03 BURKERT-BBS-03 Datasheet
521Kb / 20P
   Fitting with welded connection according to DIN 11864-1 and BBS-Sterile contour
28.03.2024
BBS-03 BURKERT-BBS-03 Datasheet
455Kb / 9P
   Platinum-cured peroxide-free silicone hose
08.01.2024
More results

Similar Description - BBS1550-2SC24

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com