Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX85C20 Datasheet(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # BZX85C20
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BZX85C20 Datasheet(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

  BZX85C20 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd BZX85C20 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd BZX85C20 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZX 85/C 91
91
2.7
85
…96
250
3000
0.25
0.5
68
0.07
…0.10
BZX 85/C 100
100
2.7
94
…106
350
3000
0.25
0.5
75
0.07
…0.11
BZX 85/C 110
110
2.7
104
…116
450
4000
0.25
0.5
82
0.07
…0.11
BZX 85/C 120
120
2
114
…127
550
4500
0.25
0.5
91
0.07
…0.11
BZX 85/C 130
130
2
124
…141
700
5000
0.25
0.5
100
0.07
…0.11
BZX 85/C 150
150
2
138
…156
1000
6000
0.25
0.5
110
0.07
…0.11
BZX 85/C 160
160
1.5
153
…171
1100
6500
0.25
0.5
120
0.07
…0.11
BZX 85/C 180
180
1.5
168
…191
1200
7000
0.25
0.5
130
0.07
…0.11
BZX 85/C 200
200
1.5
188
…212
1500
8000
0.25
0.5
150
0.07
…0.11
BZX 85/C 220
220
1
218
…232
1600
9000
0.25
0.5
170
0.07
…0.11
1) Tested with pulses tp=5 ms. SPECIALS AVAILABLE INCLUDE: Nominal zener voltages between the voltages shown and tighter
voltage tolerances. For detailed information on price, availability, and delivery, contact your nearest Motorola representative; ZENER
VOLTAGE (VZ) MEASUREMENT: VZ is measured after the test current has been applied to 40
± 10 msec., while maintaining
the lead temperature (TL) at 30
°C ± 1°C, 3/8, from the diode body.
2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm form case.
3) The zener impedance is derived from the 1 kHz cycle ac voltage, which results when an ac current having an rms value equal
to 10% of the dc zener current (IZT) or (IZK) is superimposed on IZT or IZK.
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - BZX85C20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C20 VISHAY-BZX85C20 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C20 TSC-BZX85C20 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C20 NJSEMI-BZX85C20 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C20 FAIRCHILD-BZX85C20 Datasheet
49Kb / 3P
   Zeners
logo
Tak Cheong Electronics ...
BZX85C20 TAK_CHEONG-BZX85C20 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com