Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS1590-2SC34 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # BBS1590-2SC34
Description  Benchtop Broadband Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

BBS1590-2SC34 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  BBS1590-2SC34 Datasheet HTML 1Page - JDS Uniphase Corporation BBS1590-2SC34 Datasheet HTML 2Page - JDS Uniphase Corporation BBS1590-2SC34 Datasheet HTML 3Page - JDS Uniphase Corporation BBS1590-2SC34 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
BENCHTOP BROADBAND SOURCE
Specifications
1. Measured at 1547 nm (C-band) at 23°C.
2. Measured at 1586 nm (L-band) at 23°C.
3. Over one hour at 23°C, after one hour of warm-up.
Parameter
1550
1550
1590
1590
150 mW
250 mW
20 mW
150 mW
Output Power
Output Power
Output Power
Output Power
Test band
C-band
L-band
Operating wavelength range
1527 to 1568 nm
1565 to 1610 nm
Spectral gain flatness (maximum)
1.8 dB
2.5 dB
1.8 dB
4.5 dB
Gain flattened range
1529 to 1565 nm
1570 to 1603 nm
Total output power stability1,2,3
0.02 dB
Output isolation (minimum)
45 dB
Input voltage
100 to 240 V AC, 50 to 60 Hz
Power consumption
90 V A maximum
Operating temperature
0 to 50°C
Storage temperature
-40 to 70°C
Humidity
maximum 95% RH non condensing from 0 to 45°C
Dimensions (W x H x D)
21.2 x 8.9 x 35.5 cm
Weight
< 4 kg


Similar Part No. - BBS1590-2SC34

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BBS KEXIN-BBS Datasheet
36Kb / 1P
   Silicon RF Switching Diode
logo
Eaton All Rights Reserv...
BBS EATON-BBS Datasheet
376Kb / 2P
   BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
ETA-USA
BBS ETA-USA-BBS Datasheet
936Kb / 7P
   AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 300 WATTS UNIVERSAL INPUT
logo
Christian Bürkert GmbH ...
BBS-03 BURKERT-BBS-03 Datasheet
521Kb / 20P
   Fitting with welded connection according to DIN 11864-1 and BBS-Sterile contour
28.03.2024
BBS-03 BURKERT-BBS-03 Datasheet
455Kb / 9P
   Platinum-cured peroxide-free silicone hose
08.01.2024
More results

Similar Description - BBS1590-2SC34

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com