Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2J Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # FR2J
Description  FAST RECOVERY PLASTIC RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

FR2J Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  FR2J Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
FR2A THRU FR2K
FAST RECOVERY PLASTIC RECTIFIER
VOLTAGE:50-800V
CURRENT:2.0A
FEATURES
·Ideal for surface mounted applications
·Low leakage current
·Glass passivated junction
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Terminals: Solder plated,solderable per
MIL-STD- 750, Method 2026
·Polarity: As marked
·Mounting position: Any
·Weight: 0.064 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL FR2A
FR2B
FR2D
FR2G
FR2J
FR2K
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
V
Maximum Average Forward rectified Current
at TA=75°C
Io
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
60
A
Maximum forward Voltage at 2.0A DC
VF
1.3
V
@ TA=25°C
5.0
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@ TA=125°C
IR
50
µA
Typical Thermal Resistance (Note3)
RθJL
30
°C/W
Maximum Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note1)
CJ
15
pF
Notes:
1.Measured at 1MHz and applied reverse voltage of 4.0 volts
2.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3.Thermal Resistance (Junction to Ambient), .24in
2 (6.0mm2) copper pads to each terminal
SMB(DO-214AA)
.155(3.94)
.130(3.30)
.083(2.11)
.075(1.91)
.185(4.70)
.160(4.06)
.012(0.305)
.006(0.152)
.220(5.59)
.200(5.08)
.008(0.203)
.002(0.051)
.096(2.44)
.084(2.13)
.060((1.52)
.030(0.76)
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - FR2J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2J PANJIT-FR2J Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
SEMTECH ELECTRONICS LTD...
FR2J SEMTECH_ELEC-FR2J Datasheet
249Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR2J CHENDA-FR2J Datasheet
950Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Surge Components
FR2J SURGE-FR2J Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
CHENG-YI ELECTRONIC CO....
FR2J CHENG-YI-FR2J Datasheet
127Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - FR2J

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
BA157 PANJIT-BA157_04 Datasheet
48Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4942 PANJIT-1N4942_09 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Comchip Technology
1N4933 COMCHIP-1N4933 Datasheet
39Kb / 2P
   Plastic Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201 CHONGQING-FR201 Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR301G CHONGQING-FR301G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR601 CHONGQING-FR601 Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
RS1A CHONGQING-RS1A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com