Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OAB1592-20FP4 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # OAB1592-20FP4
Description  Benchtop Erbium-Doped Fiber Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OAB1592-20FP4 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  OAB1592-20FP4 Datasheet HTML 1Page - JDS Uniphase Corporation OAB1592-20FP4 Datasheet HTML 2Page - JDS Uniphase Corporation OAB1592-20FP4 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
BENCHTOP ERBIUM-DOPED FIBER AMPLIFIER
Specifications
1. Saturated Output Power measured:
At 1550 nm at Pin = - 4 dBm for model 1552
At 1590 nm at Pin = 0 dBm for model 1592 and 1598
At 1590 nm at Pin = - 2 dBm for model 1596
At 1550 nm at Pin = - 4 dBm and at 1590 nm and Pin - 0 dBm for model 1562 and 1564
2. Noise figure measured:
At Pin = - 4 dBm for model 1552 and 1592
At Pin = - 4 dBm for model 1596
At Pin = 0 dBm for model 1598
At Pin = - 20 dBm for model 1562 and 1564
3. Small signal gain measured:
At Pin = -20 dBm for model 1552, 1562, 1564, and 1592
At Pin = -2 dBm for model 1596
At Pin = 0 dBm for model 1598
4. Flatness optimized for:
At Pin = -2 dBm (1570-1603 nm)
At Pin = 0 dBm (1570-1603 nm)
MODEL
OAB1552
OAB1592
OAB1596
OAB1598
OAB1562
OAB1564
Test band
C-band
L-band
L-band
L-band
C+L-band
C+L-band
Amplifier type
Booster
Booster
Mid-span
Booster
Booster
In-line
high power
high power
access
DWDM
DWDM
Operating wavelength range
1528 to
1565 to
1570 to
1570 to
1530 to 1560 nm
1563 nm
1610 nm
1603 nm
1603 nm
1570 to 1600 nm
Input signal
Single channel
Multichannel DWDM
Single Channel
Saturated output power1
>24 dBm
> 22 dBm
> 20 dBm
> 20 dBm
> 19 dBm
> 14 dBm
Noise figure2
< 5.0 dB
< 5.5 dB
< 5.8 dB
< 5.5 dB
< 6.5 dB
< 6.5 dB
Small signal gain3
> 36 dB
> 29 dB
> 22 dB
>20 dB
> 22 dB
> 20 dB
(MS loss 7 dB)
Spectral gain flatness4
N/A
N/A
1.7 dB
1.7 dB
N/A
N/A
Polarization dependent loss (PDL)
0.2 dB
0.3 dB
0.3 dB
0.9 dB
0.4 dB
0.4 dB
Polarization mode dispersion (PMD)
0.45 ps
0.8 ps
0.9 ps
0.9 ps
0.7 ps
0.7 ps
Input/output isolation
45/32 dB
40/40 dB
40/40 dB
40/40 dB
40/40 dB
40/40 dB
Input/output monitors
Yes
Input voltage
100 to 240 V AC, 50 to 60 Hz
Power consumption
90 V A Maximum
Packaging
Half-rack benchtop and 19-inch rackmount kit
Operating temperature
0 to 50 °C
Storage temperature
- 40 to 70 °C
Humidity
Maximum 95 % RH non-condensing from 0 to 45 °C
Dimensions (W x H x D)
21.2 x 8.9 x 35.5 cm
Weight
> 4 kg


Similar Part No. - OAB1592-20FP4

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OAB13372 ORIONFANS-OAB13372 Datasheet
5Mb / 8P
   AC & EC FANS
OAB13391 ORIONFANS-OAB13391 Datasheet
5Mb / 8P
   AC & EC FANS
OAB18055 ORIONFANS-OAB18055 Datasheet
5Mb / 8P
   AC & EC FANS
OAB190 ORIONFANS-OAB190 Datasheet
93Kb / 1P
   Motorized Impeller 190 x 70mm (7.5??x 2.8??
OAB190 ORIONFANS-OAB190 Datasheet
5Mb / 8P
   AC & EC FANS
More results

Similar Description - OAB1592-20FP4

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com