Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR201 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # FR201
Description  FAST RECOVERY PLASTIC RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

FR201 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  FR201 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
FR201 THRU FR207
FAST RECOVERY PLASTIC RECTIFIER
VOLTAGE:50-1000V
CURRENT:2.0A
FEATURES
·Fast switching
·Low leakage
·Low forward voltage drop
·High current capability
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.38 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FR201
FR202 FR203 FR204 FR205 FR206 FR207
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=75°C
Io
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
70
A
Maximum Instantaneous forward Voltage at 2.0A
DC
VF
1.3
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
5.0
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=55°C
IR
100
µA
Maximum Reverse Recovery Time (Note 1)
trr
150
250
500
nS
Typical Junction Capacitance (Note 2)
CJ
40
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-15
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
.140(3.6)
.104(2.6) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - FR201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR201 PACELEADER-FR201 Datasheet
495Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
Micro Commercial Compon...
FR201 MCC-FR201 Datasheet
460Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
FR201 SMC-FR201 Datasheet
165Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results

Similar Description - FR201

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
BA157 PANJIT-BA157_04 Datasheet
48Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Chongqing Pingwei Enter...
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4942 PANJIT-1N4942_09 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Comchip Technology
1N4933 COMCHIP-1N4933 Datasheet
39Kb / 2P
   Plastic Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
FR2A CHONGQING-FR2A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR301G CHONGQING-FR301G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR601 CHONGQING-FR601 Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
RS1A CHONGQING-RS1A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com