Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX2C120V Datasheet(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # BZX2C120V
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

BZX2C120V Datasheet(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

  BZX2C120V Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd BZX2C120V Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd BZX2C120V Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZX2C110V
110
104
…116
4.5
250
4000
0.25
0.5
83.6
17
BZX2C120V
120
114
…127
4.2
325
4500
0.25
0.5
91.2
15
BZX2C130V
130
124
…141
3.8
400
5000
0.25
0.5
98.8
14
BZX2C150V
150
138
…156
3.3
575
6000
0.25
0.5
114
12
BZX2C160V
160
153
…171
3.1
650
6500
0.25
0.5
121.6
11
BZX2C180V
180
168
…191
2.8
725
7000
0.25
0.5
136.8
10
BZX2C200V
200
188
…212
2.5
900
7500
0.25
0.5
152
9
BZX2C220V
220
218
…232
2.3
990
8000
0.25
0.5
167.2
8
1) Tested with pulses tp=20 ms.
2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm form case.
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - BZX2C120V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BZX2C120V SEMTECH-BZX2C120V Datasheet
223Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Micro Commercial Compon...
BZX2C120V MCC-BZX2C120V Datasheet
82Kb / 2P
   2 Watt Zener Diode 3.6 to 200 Volts
More results

Similar Description - BZX2C120V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com