Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC-S5T Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # AHC-S5T
Description  Amplifier Hybrid with Thin Film Coupler and Isolator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

AHC-S5T Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  AHC-S5T Datasheet HTML 1Page - JDS Uniphase Corporation AHC-S5T Datasheet HTML 2Page - JDS Uniphase Corporation AHC-S5T Datasheet HTML 3Page - JDS Uniphase Corporation AHC-S5T Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AHC SERIES
980/1550 nm Model: 980 Channel
1480/1550 nm Model: 1480 Channel
0.9
0
5
10
15
20
25
30
35
40
1.1
1.3
1.5
Wavelength (nm)
980/1550 nm Model: 1550 Channel
0.9
0
5
10
15
20
25
30
35
40
1.1
1.3
1.5
Wavelength (nm)
1480/1550 nm Model: 1550 Channel
Wavelength (nm)
0
1.4 1.42 1.44 1.46 1.48 1.5 1.52 1.54 1.56 1.58 1.6
4
8
12
16
20
24
28
Wavelength (nm)
5
0
10
15
20
25
30
35
40
1.4 1.42 1.44 1.46 1.48 1.5 1.52 1.54 1.56 1.58 1.6
Tap Ratio and Insertion Loss Table
Code
Tap
One-Stage Isolator
One-Stage Isolator
Two-Stage Isolator
Two-Stage Isolator
Ratio
C to P
C to R
C to P
C to R
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
1
1%
0.6 dB Max.
20±1 dB
0.7 dB Max.
20±1 dB
2
2%
0.6 dB Max.
17±1 dB
0.7 dB Max.
17±1 dB
3
3%
0.7 dB Max.
15±1 dB
0.8 dB Max.
15±1 dB
4
4%
0.7 dB Max.
14±1 dB
0.8 dB Max.
14±1 dB
5
5%
0.8 dB Max.
13±1 dB
0.9 dB Max.
13±1 dB
A
1.8%
0.6 dB Max.
17.5±1 dB
0.7 dB Max.
17.5±1 dB
T
10%
1.0 dB Max.
10±1 dB
1.1 dB Max.
10±1 dB


Similar Part No. - AHC-S5T

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC-12S ARCH-AHC-12S Datasheet
436Kb / 5P
   AC-DC Power Module
AHC-12S-DN ARCH-AHC-12S-DN Datasheet
204Kb / 2P
   AC-DC Power Module
AHC-12S-E1 ARCH-AHC-12S-E1 Datasheet
434Kb / 5P
   AC-DC Power Module
AHC-12S-E1 ARCH-AHC-12S-E1 Datasheet
273Kb / 3P
   AC-DC Power Module
AHC-15S ARCH-AHC-15S Datasheet
436Kb / 5P
   AC-DC Power Module
More results

Similar Description - AHC-S5T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
logo
OPLINK Communications I...
TCIHG1550S1 OPLINK-TCIHG1550S1 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com