Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONT-512 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # ONT-512
Description  Optical Spectrum Analyzer Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ONT-512 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  ONT-512 Datasheet HTML 1Page - JDS Uniphase Corporation ONT-512 Datasheet HTML 2Page - JDS Uniphase Corporation ONT-512 Datasheet HTML 3Page - JDS Uniphase Corporation ONT-512 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
All statements, technical information and recommendations related to the products herein are based upon information be-
lieved to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is as-
sumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its appli-
cations. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products
described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that
the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU
and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders.
© 2006 JDS Uniphase Corporation. All rights reserved. 30137553 000 0707 OSA-ONT.DS.FOP.TM.AE
Test & Measurement Regional Sales
NORTH AMERICA
TEL: 1 866 228 3762
FAX: +1 301 353 9216
LATIN AMERICA
TEL:+55 11 5503 3800
FAX:+55 11 5505 1598
ASIA PACIFIC
TEL:+852 2892 0990
FAX:+852 2892 0770
EMEA
TEL:+49 7121 86 2222
FAX:+49 7121 86 1222
WEBSITE:
www.jdsu.com
ONT Platforms – Optical Spectrum Analyzers
Full-band DWDM analyzers
technical specifications (typical at 25 °C)
Spectralmeasurementranges
Wavelength range
1250 to 1650 nm
No. of optical channels
512
Wavelength calibration (1)
internal, on-line
Wavelength accuracy (2)
± 20 pm
Readout resolution
0.001 nm
Resolution bandwidth
(FWHM) (3)
typ. 75 pm
Wavelength linearity
(over 10 nm)
± 10 pm
Powermeasurementranges
Dynamic range (4)
−75 to +23 dBm
Noise floor RMS (with averaging) (3) −75 dBm
Absolute accuracy(3, 5)
±0.4 dB
Linearity (6)
± 0.05 dB
Readout resolution
0.01 dB
Scanning time
(1250 to 1650 nm) (7)
<1.5 s
Optical rejection ratio (3)
at ±25 GHz (±0.2 nm)
typ 35 dBc
at ±50 GHz (±0.4 nm)
typ 45 dBc
PDL (3)
± 0.1 dB
Flatness (3)
± 0.2 dB
Level reproducibility (8)
± 0.05 dB
Wavelength range
1250 to 1650 nm
Data rates
up to 10.7 Gb/s
Spectral filter bandwidth
typ. 220 pm
Insertion loss
typ. <10 dB
Tracking mode
auto wavelength
control
Opticalports(physicalcontactinterfaces)
Inputports
OSA-160/161
1
× SM
OSA-201
2
× SM
Output port (drop port)
(OSA-161/201)
1
× SM
Interface
Universal connectors
Optical return loss
>35 dB
Total safe power
+23 dBm
High-performance DWDM analyzers
technical specifications (typical at 25 °C)
Spectralmeasurementranges
Wavelength range
1250 to 1650 nm
No. of optical channels
512
Wavelength calibration (1)
internal, online.
Wavelength accuracy (2)
typ.
± 10 pm
Readout resolution
0.001 nm
Resolution bandwidth (FWHM) (3) typ. 60 pm
Wavelength linearity (over 10 nm)
± 10 pm
Powermeasurementranges
Dynamic range (4)
−75 to +23 dBm
noise floor RMS (with averaging) (3)
−75 dBm
Absolute accuracy(3, 5)
± 0.4 dB
Linearity (6)
± 0.05 dB
Readout resolution
0.01 dB
Scanning time (1250 to 1650 nm) (7)
<1.5 s
Optical rejection ratio (3)
at ±25 GHz (±0.2 nm)
typ. 45 dBc
at ±50 GHz (±0.4 nm)
typ. 48 dBc
PDL (3)
± 0.1 dB
Flatness (3)
± 0.2 dB
Level reproducibility (8)
± 0.05 dB
Wavelength range
1250 to 1650 nm
Data rates
up to 10.7 Gb/s
Spectral filter bandwidth
typ. 175 pm
Insertion loss
typ. <10 dB
Tracking mode
auto wavelength
control
Opticalports(physicalcontactinterfaces)
Inputports
OSA-300/301
1
× SM
OSA-303
2
× SM
Output port (drop port)
(OSA-301/303)
1
× SM
Interface
universal
Optical return loss
>35 dB
Total safe power
+23 dBm
(1) Built-in, physical constant wavelength calibrator, needs
no re-calibration
(2) At 1520 to 1565 nm at 23 °C
(3) 1520 to 1565 nm at 18 to 28 °C
(4) Max. power per channel +15 dBm, total power
+23 dBm
(5) At −10 dBm
(6) −45 dBm to +10 dBm, at 23 °C
(7) Full span 400 nm, 4000 measurement samples, incl.
WDM table analysis
(8) 1 min, stable signal, const. temperature
Ordering information
OSA modules
Full-bandDWDManalyzer
ONT-50platform
3070/91.01 OSA-160 Single port
3070/91.12 OSA-161 Single port
with drop 10.7G
3070/91.14 OSA-201 Dual port
with drop 10.7G
ONT-506/512platform
3061/91.01 OSA-160 Single port
3061/91.12 OSA-161 Single port
with drop 10.7G
3061/91.14 OSA-201 Dual port
with drop 10.7G
High-performanceDWDManalyzer
ONT-50platform
3070/91.31 OSA-300 Single port
3070/91.32 OSA-301 Single port
with drop 10.7G
3070/91.34 OSA-303 Dual port
with drop 10.7G
ONT-506/512platform
3061/91.31 OSA-300 Single port
3061/91.32 OSA-301 Single port
with drop 10.7G
3061/91.34 OSA-303 Dual port
with drop 10.7G
PMD test option
3070/91.11 PMD test kit includes PMD
evaluation software plus:
2267/01
OBS-15
Optical Broadband Source plus
2271/01
OVP-15
Optical Variable Polarizer
Optical connectors
Standard singlemode
FC/PC, SC, ST, DIN, LC, E-2000


Similar Description - ONT-512

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
   Optical Spectrum Analyzer (OSA) Modules
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
   RF Spectrum Analyzer
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
   Handheld Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
   3GHz SPECTRUM ANALYZER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com