Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8M Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # GBU8M
Description  GLASS PASSIVATED BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

GBU8M Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  GBU8M Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
GBU8A THRU GBU8M
GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE:50-1000V
CURRENT:8.0A
FEATURES
·Low leakage
·Low forward voltage
·Surge overload ratings-200 Amperes
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL 94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity: Symbols molded or marked on body
·Mounting position: Any
·Weight: 6.6 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL GBU8A GBU8B GBU8DGBU8G GBU8J GBU8KGBU8M
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average
Forward
rectified
Output
Current at TC=100°C
Io
8.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
200
A
Maximum Forward Voltage Drop per element at
4.0 A DC
VF
1.0
V
@ TA=25°C
5.0
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per element
@ TA=125°C
IR
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
240
A
2S
Typical Junction Capacitance per Element(Note 1)
CJ
60
pF
Typical Thermal Resistance, Junction to Case
(Note 2)
RθJA
2.7
°C/W
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal resistance from junction to case per element. Unit mounted on 150 x 150 x 1.6mm copper plate heat sink.
Dimensions in inches and (millimeters)
GBU
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - GBU8M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBU8M GE-GBU8M Datasheet
80Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diotec Semiconductor
GBU8M DIOTEC-GBU8M Datasheet
158Kb / 2P
   Single Phase Bridge Rectifier
logo
Vishay Siliconix
GBU8M VISHAY-GBU8M Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 21-Jan-08
logo
Shenzhen Luguang Electr...
GBU8M LUGUANG-GBU8M Datasheet
161Kb / 2P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
GBU8M DIOTEC-GBU8M Datasheet
231Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - GBU8M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
   Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
   Glass Passivated Bridge Rectifier
REV.01 June 21,2022
logo
Zowie Technology Corpor...
KBL02 ZOWIE-KBL02 Datasheet
55Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
DB101 SUNMATE-DB101 Datasheet
251Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBJ8D ZOWIE-GBJ8D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10D ZOWIE-GBJ10D Datasheet
70Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com