Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7609-075-220M Datasheet(PDF) 4 Page - ETAL Group

Part # P7609-075-220M
Description  POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7609-075-220M Datasheet(HTML) 4 Page - ETAL Group

  P7609-075-220M Datasheet HTML 1Page - ETAL Group P7609-075-220M Datasheet HTML 2Page - ETAL Group P7609-075-220M Datasheet HTML 3Page - ETAL Group P7609-075-220M Datasheet HTML 4Page - ETAL Group P7609-075-220M Datasheet HTML 5Page - ETAL Group P7609-075-220M Datasheet HTML 6Page - ETAL Group P7609-075-220M Datasheet HTML 7Page - ETAL Group P7609-075-220M Datasheet HTML 8Page - ETAL Group P7609-075-220M Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
P7609
ETALDOC 841/4
Page 4 of 11
December 2006
052 size
Part Number
Inductance (µH)
(1)
DCR (Ω) Max
Rated Current
(2)
IDC (A)
P7609-052-1R0M
1.0±20%
0.030
4.8
P7609-052-1R4M
1.4±20%
0.035
4.2
P7609-052-2R8M
1.8±20%
0.040
3.8
P7609-052-2R2M
2.2±20%
0.050
3.5
P7609-052-2R7M
2.7±20%
0.055
3.1
P7609-052-3R3M
3.3±20%
0.07
3.0
P7609-052-3R9M
3.9±20%
0.08
2.8
P7609-052-4R7M
4.7±20%
0.09
2.7
P7609-052-5R6M
5.6±20%
0.11
2.2
P7609-052-6R8M
6.8±20%
0.14
1.9
P7609-052-8R2M
8.2±20%
0.15
1.8
P7609-052-100M
10±20%
0.17
1.5
P7609-052-120M
12±20%
0.25
1.4
P7609-052-150M
15±20%
0.28
1.2
P7609-052-180M
18±20%
0.32
1.1
P7609-052-220M
22±20%
0.42
1.0
P7609-052-270M
27±20%
0.45
0.9
P7609-052-330M
33±20%
0.55
0.8
P7609-052-390M
39±20%
0.58
0.75
P7609-052-470M
47±20%
0.83
0.70
P7609-052-560M
56±20%
0.90
0.65
P7609-052-680M
68±20%
0.97
0.60
P7609-052-820M
82±20%
1.2
0.55
P7609-052-101M
100±20%
1.5
0.50
P7609-052-121M
120±20%
1.7
0.47
P7609-052-151M
150±20%
2.0
0.45
P7609-052-181M
180±20%
2.6
0.40
P7609-052-221M
220±20%
3.4
0.35
P7609-052-271M
270±20%
4.0
0.30
P7609-052-331M
330±20%
4.5
0.27
P7609-052-391M
390±20%
5.0
0.25
P7609-052-471M
470±20%
7.0
0.23
P7609-052-561M
560±20%
8.0
0.21
Notes
1. Inductance measured at 1V, 8MHz (<10µH), 2.5MHz (10-82µH), 1kHz (100µH-1mH).
2. Rated Current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 10% max, whichever is lower.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7609-075-220M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7609-075-220M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com