Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER505G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # HER505G
Description  HIGH EFFICIENCY PLASTIC RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

HER505G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  HER505G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
HER501G THRU HER508G
HIGH EFFICIENCY PLASTIC RECTIFIER
VOLTAGE:50-1000V
CURRENT:5.0A
FEATURES
·Low power loss, high efficiency
·Low leakage
·Low forward voltage
·High current capability
·High speed switching
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 1.20 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HER
501G
HER
502G
HER
503G
HER
504G
HER
505G
HER
506G
HER
507G
HER
508G units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=50°C
Io
5.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
150
A
Maximum Instantaneous forward Voltage at 5.0A
DC
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
10
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=55°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
nS
Typical Junction Capacitance (Note 2)
CJ
30
20
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-27
1.0(25.4)
MIN.
1.0(25.4)
MIN.
5.6
5.0 DIA.
9.5
8.5
1.3
1.2 DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - HER505G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HER505G ETC-HER505G Datasheet
142Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Yangzhou yangjie electr...
HER505G YANGJIE-HER505G Datasheet
188Kb / 2P
   High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER505G TSC-HER505G Datasheet
269Kb / 2P
   5.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Guangdong Juxing Electr...
HER505G JUXING-HER505G Datasheet
837Kb / 2P
   Ultra Fast Rectifiers
logo
UNIOHM CORPORATION
HER505G UNIOHM-HER505G Datasheet
69Kb / 2P
   5.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER505G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
HER151 CHONGQING-HER151 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER201G CHONGQING-HER201G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER201 CHONGQING-HER201 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER501 CHONGQING-HER501 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER101 CHONGQING-HER101 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER101G CHONGQING-HER101G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER1601 CHONGQING-HER1601 Datasheet
49Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER151G CHONGQING-HER151G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER601G CHONGQING-HER601G Datasheet
41Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER301G CHONGQING-HER301G Datasheet
40Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com