Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1604 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # HER1604
Description  HIGH EFFICIENCY PLASTIC RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

HER1604 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  HER1604 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
HER1601 THRU HER1606
HIGH EFFICIENCY PLASTIC RECTIFIER
VOLTAGE:50-600V
CURRENT:16.0A
FEATURES
·Low power loss, high efficiency
·Low leakage
·Low forward voltage
·High current capability
·High speed switching
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 2.24 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HER
1601
HER
1602
HER
1603
HER
1604
HER
1605
HER
1606 units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
V
Maximum Average Forward rectified Current
at TA=50°C
Io
16.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
200
A
Maximum Instantaneous forward Voltage at 8.0A
DC
VF
1.0
1.3
1.85
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
10
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=55°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
trr
60
100
nS
Typical Junction Capacitance (Note 2)
CJ
30
20
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
TO-220
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - HER1604

ManufacturerPart #DatasheetDescription
logo
Bytes
HER1604 BYTES-HER1604 Datasheet
161Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1604 DGNJDZ-HER1604 Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER1604 DCCOM-HER1604 Datasheet
524Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER1604 DGNJDZ-HER1604 Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER1604 FORMOSA-HER1604 Datasheet
38Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER1604

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
HER151 CHONGQING-HER151 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER201G CHONGQING-HER201G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER201 CHONGQING-HER201 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER501 CHONGQING-HER501 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER101 CHONGQING-HER101 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER101G CHONGQING-HER101G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER501G CHONGQING-HER501G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER151G CHONGQING-HER151G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER601G CHONGQING-HER601G Datasheet
41Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER301G CHONGQING-HER301G Datasheet
40Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com