Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFF-1160 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # AFF-1160
Description  Attenuator, Fused Fiber
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

AFF-1160 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  AFF-1160 Datasheet HTML 1Page - JDS Uniphase Corporation AFF-1160 Datasheet HTML 2Page - JDS Uniphase Corporation AFF-1160 Datasheet HTML 3Page - JDS Uniphase Corporation AFF-1160 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
3
Parameter
Specification
Optical return loss
Minimum
50 dB
Directivity
Minimum
55 dB
Operating temperature1
-40 to 75 °C
Storage temperature
-40 to 85 °C
1. For connectorised component, operating temperature range is -5 to 75 °C.
ATTENUATOR, FUSED FIBER
Housing Option
Code
Description
1 x 1 Dimensions (mm)
Pigtail
3
Regular
3.0 (Ø) x 55 (L)
Primary coated fiber
4
Ø 0.9 mm slim
3.0 (Ø) x 65 (L)
Ø 0.9 mm loose-tube
5
Ø 0.9 mm semi-ruggedized
5.0 (Ø) x 80 (L)
Ø 0.9 mm loose-tube
6
Ø 0.3 mm fully-ruggedized
80 (L) x 10 (W) x 8 (H)
Ø 3.0 mm fan-out sleeving


Similar Part No. - AFF-1160

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
AFF-20A-250 MERRIMAC-AFF-20A-250 Datasheet
101Kb / 1P
   ELECTRONIC ATTENUATOR
More results

Similar Description - AFF-1160

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
Lightel Technologies IN...
FA-XX-1-B-0 LIGHTEL-FA-XX-1-B-0 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
   Fused and non-fused HVAC disconnects
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
OPLINK Communications I...
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
   Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
   Fused Single-Mode WDM
logo
CamdenBoss Ltd.
CFTBN CAMDENBOSS-CFTBN Datasheet
337Kb / 1P
   5x20mm Fused Terminal Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com