Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER608 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # HER608
Description  HIGH EFFICIENCY PLASTIC RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

HER608 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  HER608 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
HER601 THRU HER608
HIGH EFFICIENCY PLASTIC RECTIFIER
VOLTAGE:50-1000V
CURRENT:6.0A
FEATURES
·Low power loss, high efficiency
·Low leakage
·Low forward voltage
·High current capability
·High speed switching
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 1.20 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HER
601
HER
602
HER
603
HER
604
HER
605
HER
606
HER
607
HER
608 units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=50°C
Io
6.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
180
150
A
Maximum Instantaneous forward Voltage at 6.0A
DC
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
10
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=55°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
nS
Typical Junction Capacitance (Note 2)
CJ
30
20
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
R-6
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - HER608

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER608 WTE-HER608 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER608 DGNJDZ-HER608 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Diotech Company.
HER608 DIOTECH-HER608 Datasheet
899Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
HER608 YFWDIODE-HER608 Datasheet
435Kb / 3P
   High Efficiency Silicon Rectifiers
HER608 YFWDIODE-HER608 Datasheet
84Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER608

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
HER151 CHONGQING-HER151 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER201G CHONGQING-HER201G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER201 CHONGQING-HER201 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER501 CHONGQING-HER501 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER101 CHONGQING-HER101 Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER101G CHONGQING-HER101G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER501G CHONGQING-HER501G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER1601 CHONGQING-HER1601 Datasheet
49Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER151G CHONGQING-HER151G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER601G CHONGQING-HER601G Datasheet
41Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
HER301G CHONGQING-HER301G Datasheet
40Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com