Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIR-330031B Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # CIR-330031B
Description  Polarization-insensitive Circulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CIR-330031B Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  CIR-330031B Datasheet HTML 1Page - JDS Uniphase Corporation CIR-330031B Datasheet HTML 2Page - JDS Uniphase Corporation CIR-330031B Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
POLARIZATION-INSENSITIVE CIRCULATOR
Sample: CIR-330011000
Code
Fiber Type
1
SMF-28 250 µm
bare fiber
3
SMF-28 900 µm
loose tube
Code
Fiber Length
11 meter
Code
Configuration
33 port
Code
Input Port 1
Connector Type2
0No connector1
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
9
FC/UPC
A
SC/UPC
BLC/PC
C
LC/UPC
Code
Pump Wavelength
2C-band
3
C+L band
5
1310 band
LL-band
CIR-
0
0
Code
Package
0Low loss
3
1
Code
Input Port 2
Connector Type2
0No connector1
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
9
FC/UPC
A
SC/UPC
BLC/PC
C
LC/UPC
Code
Output Port
Connector Type2
0No connector1
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
9
FC/UPC
A
SC/UPC
BLC/PC
C
LC/UPC
1. Standard.
2. Insertion loss, extinction ratio, and return loss depend on connector type.
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 10143036 003 1008
CIR.DS.CC.AE
October 2008
SMF-28 is a registered trademark of Corning Incorporated.


Similar Part No. - CIR-330031B

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
CIR2272 SILVAN-CIR2272 Datasheet
441Kb / 2P
   Wireless remote control decoding circuit
CIR2272GM SILVAN-CIR2272GM Datasheet
441Kb / 2P
   Wireless remote control decoding circuit
logo
SMSC Corporation
CIRCC SMSC-CIRCC Datasheet
310Kb / 70P
   Consumer Infrared Communications Controller
logo
MKS Instruments.
CIRRUS3 MKS-CIRRUS3 Datasheet
235Kb / 4P
   POWERFUL AND VERSATILE ATMOSPHERIC GAS ANALYSIS
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results

Similar Description - CIR-330031B

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MIOC131004PO1H1 OPLINK-MIOC131004PO1H1 Datasheet
292Kb / 2P
   Mini 4-Port Polarization Insensitive Optical Circulator
MIOC4ECO-S0329 OPLINK-MIOC4ECO-S0329 Datasheet
168Kb / 2P
   Eco Series 4-Port Polarization Insensitive Miniature Optical Circulator
MIOCG5ECO041111 OPLINK-MIOCG5ECO041111 Datasheet
114Kb / 2P
   Eco Series 4-Port Polarization Insensitive Miniature Optical Circulator
OISSG1310S OPLINK-OISSG1310S Datasheet
237Kb / 2P
   Polarization Insensitive Fiber Isolator
OIXSG OPLINK-OIXSG Datasheet
286Kb / 2P
   Polarization Insensitive Fiber Isolator
OIDS1310P001 OPLINK-OIDS1310P001 Datasheet
216Kb / 2P
   Polarization Insensitive Fiber Isolator
OISS1310PS01 OPLINK-OISS1310PS01 Datasheet
373Kb / 2P
   Polarization Insensitive Fiber Isolator
OISA OPLINK-OISA Datasheet
174Kb / 2P
   Polarization Insensitive Fiber Isolator Array
OIXSG-S0059 OPLINK-OIXSG-S0059 Datasheet
286Kb / 2P
   Green Polarization Insensitive Fiber Isolator
OISS1310PS0311 OPLINK-OISS1310PS0311 Datasheet
273Kb / 2P
   Mini Polarization Insensitive Fiber Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com