Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFF-SC60 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # AFF-SC60
Description  Attenuator, Fused Fiber
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

AFF-SC60 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  AFF-SC60 Datasheet HTML 1Page - JDS Uniphase Corporation AFF-SC60 Datasheet HTML 2Page - JDS Uniphase Corporation AFF-SC60 Datasheet HTML 3Page - JDS Uniphase Corporation AFF-SC60 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ATTENUATOR, FUSED FIBER
Optical Performance Specifications (C band and L band)
Parameter
Specification
Operating wavelength range
C band
1528 to 1563 nm
L band
1570 to 1605 nm
Attenuation
20 dB
17 dB
15 dB
13 dB
10 dB
7 dB
5.2 dB
4 dB
3 dB
2 dB
1 dB
Available grade
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
Attenuation tolerance (±dB)
1.4/2.4 1.0/1.5 0.9/1.4
0.8/1.2 0.6/1.0
0.5/0.8 0.3/0.5 0.3/0.5 0.2/0.4 0.2/0.4 0.2/0.4
WDL1 (dB)
Max. .25/.35 .22/.30 .18/.26
.15/.20 .13/.18
.12/.15 .10/.15 .10/.15 .10/.15 .10/.15 .10/.15
PDL2 (dB)
Max. .20/.25 .15/.20 .14/.20
.12/.20 .10/.15
.10/.15 .10/.15 .09/.11 .08/.10 .08/.10 .08/.10
TDL3 (dB)
Max. .20/.20 .15/.15 .15/.15
.15/.15 .13/.13
.10/.10 .10/.10 .10/.10 .10/.10 .10/.10 .10/.10
Available housing option
3, 4, 5, 6
Fiber type code
1 (Corning SMF-28 - telecoms)
1. Change in insertion loss over the operating wavelength range.
2. Change in insertion loss over all input polarization states.
3. Change in insertion loss from -5 °C to 75 °C.
Optical Performance Specifications (C + L band and S band)
Parameter
Specification
Operating wavelength range
C + L band
1528 to 1605 nm
S band
1425 to 1500 nm
Attenuation
20 dB
17 dB
15 dB
13 dB
10 dB
7 dB
5.2 dB
4 dB
3 dB
2 dB
1 dB
Available grade
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
A/B
Attenuation tolerance (±dB)
2.4/2.8 1.3/2.4 1.2/1.9
1.1/1.5 0.9/1.2
0.8/1.1 0.6/0.8 0.3/0.5 0.3/0.5 0.3/0.5 0.3/0.5
WDL1 (dB)
Max.
.90/1.20 .60/1.00 .50/.90
.45/.80 .40/.60
.37/.55 .35/.50 .30/.45 .25/.40 .25/.40 .25/.40
PDL2 (dB)
Max.
.20/.25 .15/.20 .14/.20
.12/.20 .10/.15
.10/.15 .10/.15 .09/.11 .08/.10 .08/.10 .08/.10
TDL3 (dB)
Max.
.20/.20 .15/.15 .15/.15
.15/.15 .13/.13
.10/.10 .10/.10 .10/.10 .10/.10 .10/.10 .10/.10
Available housing option
3, 4, 5, 6
Fiber type code
1 (Corning SMF-28 - telecoms)
1. Change in insertion loss over the operating wavelength range.
2. Change in insertion loss over all input polarization states.
3. Change in insertion loss from -5 °C to 75 °C.


Similar Part No. - AFF-SC60

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
AFF-20A-250 MERRIMAC-AFF-20A-250 Datasheet
101Kb / 1P
   ELECTRONIC ATTENUATOR
More results

Similar Description - AFF-SC60

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
Lightel Technologies IN...
FA-XX-1-B-0 LIGHTEL-FA-XX-1-B-0 Datasheet
88Kb / 1P
   Fixed Attenuator with Fiber Pigtail
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
   Fused and non-fused HVAC disconnects
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
   FUSED TERMINAL EURO STANDARD
logo
OPLINK Communications I...
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
   Fused Single-Mode WDM
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
   Fused Single-Mode WDM
logo
CamdenBoss Ltd.
CFTBN CAMDENBOSS-CFTBN Datasheet
337Kb / 1P
   5x20mm Fused Terminal Blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com