Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4000F Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # R4000F
Description  HIGH VOLTAGE FAST TRCOVERY RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

R4000F Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  R4000F Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
R4000F THRU R5000F
HIGH VOLTAGE FAST TRCOVERY RECTIFIER
VOLTAGE:4000-5000V
CURRENT:0.2A
FEATURES
·Fast switching
·Low leakage
·High current capability
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.35 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
R4000F
R5000F
units
Maximum Recurrent Peak Reverse Voltage
VRRM
4000
5000
V
Maximum RMS Voltage
VRMS
2800
3500
V
Maximum DC Blocking Voltage
VDC
4000
5000
V
Maximum Average Forward rectified Current
at TA=50°C
Io
0.2
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
30
A
Maximum Forward Voltage Drop per element at
0.2A DC
VF
6.5
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage TA=25°C
5.0
Maximum Full Load Reverse Current Average,
Full Cycle .375
”(9.5mm) lead length at T
L=75°C
IR
100
µA
Maximum Reverse Recovery Time (Note)
trr
500
nS
Notes:
Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
DO-15
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
.140(3.6)
.104(2.6) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - R4000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R4000F RECTRON-R4000F Datasheet
20Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
SUNMATE electronic Co.,...
R4000F SUNMATE-R4000F Datasheet
276Kb / 2P
   0.2A Axial Leaded High Voltage Rectifier
logo
DONGGUAN YOU FENG WEI E...
R4000F YFWDIODE-R4000F Datasheet
476Kb / 3P
   0.2Amp High Voltage Rectifier
logo
Dc Components
R4000F DCCOM-R4000F Datasheet
401Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R4000F SHUNYE-R4000F Datasheet
233Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results

Similar Description - R4000F

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
R1200F CHONGQING-R1200F Datasheet
39Kb / 1P
   HIGH VOLTAGE FAST TRCOVERY RECTIFIER
logo
Solid States Devices, I...
RC0167A SSDI-RC0167A_15 Datasheet
105Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR02-25-LFR FRONTIER-FR02-25-LFR Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
RC0171A SSDI-RC0171A Datasheet
92Kb / 2P
   HIGH VOLTAGE HYPER FAST RECTIFIER
RC0098 SSDI-RC0098_15 Datasheet
26Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FV5M-04 FRONTIER-FV5M-04_16 Datasheet
881Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
R1200F CHENDA-R1200F Datasheet
534Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SAM20HF SSDI-SAM20HF Datasheet
92Kb / 2P
   HIGH VOLTAGE HYPER FAST RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SHUNYE-R2500F Datasheet
233Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com