Electronic Components Datasheet Search |
|
SCG05F20054-27XQ Datasheet(PDF) 8 Page - JDS Uniphase Corporation |
|
SCG05F20054-27XQ Datasheet(HTML) 8 Page - JDS Uniphase Corporation |
8 / 9 page 8 BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES Ordering Information SC Model Sample: SC2D30043+22XB009FP SC +2 Code Wavelength Range (nm) F 1270 to1670 Q 850 to 1350 (MM only) B 750 to 940 (MM only) Code Cable Length (3mm diameter) 001 1 m 003 3 m 009 9 m 000 Not applicable (bulkheads only) Code Connector Type FP FC/PC (bulkheads max. 60/120) FA FC/APC (bulkheads max. 60/120) SC SC/PC (bulkheads max. 60/120) SU SC/APC (bulkheads max. 60/120) NC No connector Code Number of Input Channels 1C 1 input channel, C config. 2D 2 input channels, D config. 2E 2 input channels, E config. 2F 2 input channels, F config. 3D 3 input channels, D config. 3E 3 input channels, E config. 3F 3 input channels, F config. 4D 4 input channels, D config. 4E 4 input channels, E config. 4F 4 input channels, F config. Code Input Port Type1 1 Bulkheads on front 2 Bulkheads on back 3 Pigtails on front 4 Pigtails on back Code Number of Output Channels2 002 2 output channels :: 084 84 output channels :: 180 180 output channels Code Output Port Type1 1 Bulkheads on front 2 Bulkheads on back 3 Pigtails on front 4 Pigtails on back Code Return Loss XStandard AAnalog B Bidirectional, standard RL2 C Bidirectional analog RL2 Code Fiber Type (µm) 7 9/125 1 50/125 2 62.5/125 1. Bulkheads and pigtails cannot be mixed in the same panel unless custom ordered. 2. Single height: 84 output channel maximum. Double height: 180 output channel maximum. 3. For reverse direction, use bidirectional. If the configurations available do not meet your performance requirements, please contact our global sales and customer service team to discuss the potential for specialized solutions. SC Switch Package Information Connector Type Chassis Size Switch Configuration Max Channel Counts (input + output) Bulkhead 3U 19” rack mount C, D, E 60 Pigtail 3U 19” rack mount C, D, E 85 Bulkhead / Pigtail 3U 19” rack mount F 2xN 46 Bulkhead / Pigtail 3U 19” rack mount F 3xN 29 Bulkhead / Pigtail 3U 19” rack mount F 4xN 24 Bulkheads 6U 19” rack mount C, D, E 120 Pigtails 6U 19” rack mount C, D, E 181 Bulkhead / Pigtail 6U 19” rack mount F 2xN 92 Bulkhead / Pigtail 6U 19” rack mount F 3xN 63 Bulkhead / Pigtail 6U 19” rack mount F 4xN 49 Continued |
Similar Part No. - SCG05F20054-27XQ |
|
Similar Description - SCG05F20054-27XQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |