Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT8373ADW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT8373ADW
Description  SCAN TEST DEVICES WITH OCTAL D-TYPE LATCHES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT8373ADW Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT8373ADW Datasheet HTML 1Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 2Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 3Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 4Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 5Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 6Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 7Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 8Page - Texas Instruments SN74BCT8373ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN54BCT8373A, SN74BCT8373A
SCAN TEST DEVICES
WITH OCTAL D-TYPE LATCHES
SCBS044F – JUNE 1990 – REVISED JULY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
test architecture
Serial test information is conveyed by means of a 4-wire test bus, or TAP, that conforms to IEEE Standard
1149.1-1990. Test instructions, test data, and test control signals all are passed along this serial test bus. The
TAP controller monitors two signals from the test bus, TCK and TMS. The TAP controller extracts the
synchronization (TCK) and state control (TMS) signals from the test bus and generates the appropriate on-chip
control signals for the test structures in the device. Figure 1 shows the TAP-controller state diagram.
The TAP controller is fully synchronous to the TCK signal. Input data is captured on the rising edge of TCK, and
output data changes on the falling edge of TCK. This scheme ensures that data to be captured is valid for fully
one-half of the TCK cycle.
The functional block diagram shows the IEEE Standard 1149.1-1990 4-wire test bus and boundary-scan
architecture and the relationship between the test bus, the TAP controller, and the test registers. As shown, the
device contains an 8-bit instruction register and three test data registers: an 18-bit boundary-scan register, a
2-bit boundary-control register, and a 1-bit bypass register.
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Update-DR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = L
TMS = H
TMS = L
Exit2-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Update-IR
TMS = L
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
Exit2-IR
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
TMS = H
TMS = L
TMS = H
TMS = H
TMS = H
TMS = L
Figure 1. TAP-Controller State Diagram


Similar Part No. - SN74BCT8373ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT8373 TI1-SN74BCT8373 Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN74BCT8373DW TI1-SN74BCT8373DW Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN74BCT8373DWR TI1-SN74BCT8373DWR Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN74BCT8373NT TI1-SN74BCT8373NT Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
More results

Similar Description - SN74BCT8373ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT8373 TI1-SN74BCT8373 Datasheet
293Kb / 21P
[Old version datasheet]   SCAN TEST DEVICE WITH OCTAL D-TYPE LATCHES
SN54BCT8244A TI-SN54BCT8244A Datasheet
472Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_07 Datasheet
612Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8244A TI-SN54BCT8244A_08 Datasheet
642Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUFFERS
SN54BCT8374A TI-SN54BCT8374A Datasheet
474Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54BCT8374A TI-SN54BCT8374A_08 Datasheet
644Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8240A TI-SN54BCT8240A Datasheet
473Kb / 26P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL INVERTING BUFFERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com