Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2-MI2LBCW51C Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # CT2-MI2LBCW51C
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-MI2LBCW51C Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  CT2-MI2LBCW51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-MI2LBCW51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
2.5 GB/S CWDM SFP TRANSCEIVER
Optical Specifications
Parameter
40 km (PIN) at OC-48
80 km (APD) at OC-48
Average output power1
Minimum
0 dBm
0 dBm
Typical
1.5 dBm
1.5 dBm
Maximum
4 dBm
4 dBm
BOL power output1
Minimum
0.5 dBm
0.5 dBm
Typical
1.5 dBm
1.5 dBm
Maximum
3 dBm
3 dBm
TX operating wavelength
Minimum
-6.5 nm
-6.5 nm
Typical
Center
Center
Maximum
6.5 nm
6.5 nm
Spectral width2
Typical
0.3 nm
0.3 nm
Maximum
1 nm
1 nm
Side mode suppression ratio (DFB laser)3
Minimum
30 dB
30 dB
Extinction ratio4 (BOL)
Minimum
9.0 dB
9 dB
Typical
10.0 dB
10 dB
Maximum
11.5 dB
11.5 dB
Extinction ratio4 (EOL)
Minimum
8.2 dB
8.2 dB
Maximum
12.0 dB
12.0 dB
Optical rise and fall times (20 to 80%)5
Maximum
200 ps
200 ps
Eye mask of optical output
Compliant with GR-253
Compliant with GR-253
and ITU-T G.957
and ITU-T G.957
Eye mask margin (filtered)
Minimum
10%
10%
Typical
15%
15%
Jitter generation (peak-to-peak)6
Maximum
70 mUIP-P
70 mUIP-P
Jitter generation (rms)6
Maximum
7 mUIrms
7 mUIrms
Power output with transmitter disabled
Typical
-50 dBm
-50 dBm
Maximum
-40 dBm
-40 dBm
Receiver sensitivity (BOL, BER=1 x 10-10, ER=10 dB)
Minimum
-21 dBm
-30 dBm
Typical
-23 dBm
-32 dBm
Receiver sensitivity (EOL, BER=1 x 10-10, ER=8.2 dB)
Minimum
-18 dBm
-28 dBm
Maximum received optical power
Minimum
0 dBm
-8 dBm
Link status response time
Minimum
3 µs
3 µs
Typical
50 µs
50 µs
Maximum
100 µs
100 µs
Optical path penalty
Maximum
1.5 dB
2.5 dB
Dispersion
Maximum
1000 ps/nm
1600 ps/nm
Receiver reflectance
Maximum
-27 dB
-27 dB
Minimum optical return loss
Minimum
-24 dB
-24 dB
BER floor
Maximum
10-15
10-15
Reflect into Tx for <1 dB degradation at the receiver
Maximum
-24 dB
-24 dB
Bit rate
155 to 2700 Mb/s
155 to 2700 Mb/s
1. Fiber coupled power, connector repeatability is ±1 dB.
2. Full spectral width measured 20 dB down from the central wavelength peak under fully modulated conditions (for DFB lasers).
3. Ratio of the average output power in the dominant longitudinal mode to the power in the most significant side mode under fully modulated conditions.
4. Ratio of logic 1 output power to logic 0 output power under fully modulated conditions. When operated at data rates below 1 Gb/s, the maximum extinction ratio
specification is increased by 2 dB.
5. Using an unfiltered measurement.
6. Formatted OC-48 pattern with scrambled PRBS 23 payload using Agilent Omni BER as the optical source driving an external OC-48 optical receiver with CDR. The
differential data outputs of this optical receiver with CDR. The differential dataoutputs of this optical receiver are used as the electrical inputs for the CT2 transmitter which
optically drives the Omni BER receiver input.


Similar Part No. - CT2-MI2LBCW51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MI2LBTD31C JDSU-CT2-MI2LBTD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD33C JDSU-CT2-MI2LBTD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD51C JDSU-CT2-MI2LBTD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-MI2LBTD53C JDSU-CT2-MI2LBTD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-MI2LBCW51C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com