Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2-ML1PFTD31C Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # CT2-ML1PFTD31C
Description  OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-ML1PFTD31C Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  CT2-ML1PFTD31C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-ML1PFTD31C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
OC-48 SFP TRANSCEIVER
CT2 Electrical Pad Layout
Transceiver Pin Descriptions
Pin
Description
TD
Un-clocked, multirate, differential serial bit stream (155 Mb/s to 2.7 Gb/s) used to drive the optical transmitter.
TDb
Internally AC coupled and terminated via internal 100
Ω differential impedence.
RD
Differential received electrical signal capable of detecting 155 Mb/s to 2.7 Gb/s bit patterns.
RDb
The differential pair is internally biased and AC coupled. This signal requires 100
Ω external differential termination.
Rate_select
Internally monitored and available for future use. Can be customized for specific applications.
TxDIS
Transmitter Disable Input. A logic HIGH on this input pin disables the transmitter's laser so that there is no optical
output. If left open the transmitter will be disabled.
LOS
Loss of Signal (Open Collector). A logic HIGH on this output indicates an incoming signal level that is less than
-25 dBm but no greater than -31 dBm for IR and SR configurations and less than -34 dBm but no greater than
-40 dBm for LR configurations. LOS shall deassert (logic LOW) when a 3 dB (maximum), 0.5 dB (minimum) hysteresis
is obtained.
Tx_fault
Transmitter fault (Open collector). A logic HIGH indicates that the transmitter is in a fault condition.
MOD_DEF(0)
MOD_DEF(0) is internally grounded to indicate the presence of the module. Must be pulled-up on host board with
10 K
Ω resistor.
MOD_DEF(1)
MOD_DEF(1) is the clock of the 2 wire interface for module monitoring.
MOD_DEF(2)
MOD_DEF(2) is the data line of the 2 wire interface for module monitoring.
VccR,VccT
Receiver, Transmitter power supply, respectively
VeeR, VeeT
Receiver, Transmitter ground, respectively. The chassis ground and circuit ground isolation is configurable.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VeeT
VeeT
VeeR
VeeR
VccR
VccT
TD-
TD+
RD+
RD-
VeeT
VeeR
VeeR
LOS
Tx Fault
Tx Disable
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
Top of Board
Bottom of Board (As Viewed
through Top of Board)


Similar Part No. - CT2-ML1PFTD31C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-ML1LACW11C JDSU-CT2-ML1LACW11C Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
CT2-ML1LACW13C JDSU-CT2-ML1LACW13C Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
CT2-ML1LACW1YC JDSU-CT2-ML1LACW1YC Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
CT2-ML1LACW21C JDSU-CT2-ML1LACW21C Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
CT2-ML1LACW23C JDSU-CT2-ML1LACW23C Datasheet
209Kb / 8P
   2.5 Gb/s CWDM SFP Transceiver (Multirate)
More results

Similar Description - CT2-ML1PFTD31C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-PI1LATD31C JDSU-CT2-PI1LATD31C Datasheet
205Kb / 8P
   OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com