Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2-ML1LACW61C Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # CT2-ML1LACW61C
Description  2.5 Gb/s CWDM SFP Transceiver (Multirate)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-ML1LACW61C Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  CT2-ML1LACW61C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-ML1LACW61C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2.5 GB/S CWDM SFP TRANSCEIVER
Absolute Maximum Ratings
Parameter
Minimum
Maximum
Standard operating case temperature range
0 °C
70 °C
Extended operating case temperature range
-5 °C
85 °C
Storage case temperature range
-40 °C
85 °C
Supply voltage
-0.5 V
4.0 V
Voltage on any input/output pin
0 V
Vcc
High-speed output source current
-
50 mA
Lead soldering temperature/time
-
250 °C/10 seconds
Operating relative humidity (non-condensing)
5%
85%
Receiver optical input power
PIN
-
3 dBm
APD
-
0 dBm
Transceiver Electrical Input/Output Characteristics
Parameter
Minimum
Maximum
Input data signal levels input voltage swing, DVIN (internally AC coupled)
200 mV
2000 mV
Transmitter disable input (disabled/enabled)
2.0 V/0 V
Vcc/0.8 V
Rate select input (high data rate/low data rate)
2.8 V/0 V
Vcc/0.6 V
Transmitter fault output (asserted/deasserted)
2.4 V/0 V
Vcc/0.5 V
Output data signal levels1 output voltage swing, DVOUT (internally AC coupled)
400 mV
2000 mV
Loss-of-signal output (output high, VOH/output low, VOL)
2.4 V/0 V
Vcc/0.5 V
1. Terminated into 100
Ω differential. These levels are guaranteed down to 2 dB lower than the typical receiver sensitivity for each data rate and reach.
(Vcc = 3.3 V±5%)


Similar Part No. - CT2-ML1LACW61C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-ML1LATD31C JDSU-CT2-ML1LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LATD33C JDSU-CT2-ML1LATD33C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LATD51C JDSU-CT2-ML1LATD51C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-ML1LATD53C JDSU-CT2-ML1LATD53C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
More results

Similar Description - CT2-ML1LACW61C

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9310VW-CXX0G OPTOWAY-SPS-9310VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9380VW-CXX0G OPTOWAY-SPS-9380VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9330VW-CXX0G OPTOWAY-SPS-9330VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
SPS-9350VW-CXX0G OPTOWAY-SPS-9350VW-CXX0G Datasheet
177Kb / 6P
   CWDM / 3 Gb/s Medium Power SMVideo Digital Diagnostic SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com