Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-KP2-00-000-06 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # PL-KP2-00-000-06
Description  RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PL-KP2-00-000-06 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  PL-KP2-00-000-06 Datasheet HTML 1Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 2Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 3Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 4Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 5Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 6Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 7Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 8Page - JDS Uniphase Corporation PL-KP2-00-000-06 Datasheet HTML 9Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ROHS-COMPlIANT SMAll FORM FACTOR
PlUggABlE PRESS-FIT CAgE
Section 
Recommended OEM PCB
Layouts
Figure 6
Single sided board layout
Figure 7
Single sided detail layout
1
1
2
2
2
3
L
L
B
5. ALL DIMENSIONS ARE IN
CAGES (6 PLACES)
AND TRACE KEEPOUT
TYP
DENOTES COMPONENT
14.25
34.50
3X 7.10
2X 2.50
2X 2.50
2X
10
7.20
3X
3 PLACES
5
NOT REQUIRED WITH PICOLIGHT
9X
A
(MARKED "G")
4.80
11.93
5.68
8.58
(EXCEPT CHASSIS GROUND)
10
0.95±0.05
11.08
0.85±0.05
(MARKED "S")
9.60
10X
1.05
A
A
A
A
A
MILLIMETERS
±0.05
NOTES:
DATUM AND BASIC DIMENSIONS
1.
ESTABLISHED BY CUSTOMER.
2. PADS AND VIAS ARE CHASSIS
GROUND 11 PLACES
3. THRU HOLES, PLATING OPTIONAL
4. HOLES DENOTED WITH 'A' ARE
CROSS-HATCHED AREA
THIS AREA DENOTES
COMPONENT KEEP-OUT
(TRACES ALLOWED)
B
A
B
C
A
C
0.1
A C
0.1
0.1 A
D
41.30
42.30
3.68
26.80
TYP
20
1.70
1.70
11.9
16.25
2
30
2X
8.48
L
L
2X 0.90
9.60
2X
1.55±0.05
20X 0.50±0.03
2±0.05 TYP
9X 0.8
10X 5
10X 3.20
10.53
10.93
11.93
G
G
G
G
G
G
G
G
S
G
ALL DIMENSIONS ARE IN MILLIMETERS
0.1
C D
0.06
C D
0.06 C D
9X 0.8


Similar Part No. - PL-KP2-00-000-06

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-05 JDSU-PL-KP2-00-000-05 Datasheet
322Kb / 8P
   Small Form Factor Pluggable Press-Fit Cage
More results

Similar Description - PL-KP2-00-000-06

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-KP2-00-000-04 JDSU-PL-KP2-00-000-04 Datasheet
420Kb / 10P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-26 JDSU-PL-KP2-00-000-26 Datasheet
376Kb / 6P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit PCI Compliant SFP Cage
PL-KP2-00-000-15 JDSU-PL-KP2-00-000-15 Datasheet
615Kb / 9P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-05 JDSU-PL-KP2-00-000-05 Datasheet
322Kb / 8P
   Small Form Factor Pluggable Press-Fit Cage
PL-KP2-00-000-16 JDSU-PL-KP2-00-000-16 Datasheet
687Kb / 8P
   RoHS-Compliant Small Form Factor Pluggable Press-Fit Cage, 2.19 mm Pin Length
logo
Infineon Technologies A...
V23838-S5-N1 INFINEON-V23838-S5-N1 Datasheet
719Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
2003-08-07
logo
Frontier Electronics.
V23838-S5-N1 FRONTIER-V23838-S5-N1 Datasheet
717Kb / 9P
   Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
logo
JDS Uniphase Corporatio...
PL-KP2-21-000-11 JDSU-PL-KP2-21-000-11 Datasheet
366Kb / 6P
   RoHS-Compliant Small Form Factor 1x2 Press-Fit SFP Cage with Light pipes
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
logo
Tyco Electronics
114-13121 MACOM-114-13121 Datasheet
1Mb / 10P
   Small Form-Factor Pluggable (SFP) Ganged Press-Fit PT Connector and Cage Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com