Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDM-CAD08110 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # WDM-CAD08110
Description  Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WDM-CAD08110 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  WDM-CAD08110 Datasheet HTML 1Page - JDS Uniphase Corporation WDM-CAD08110 Datasheet HTML 2Page - JDS Uniphase Corporation WDM-CAD08110 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: WDM-CMD040001
COARSE WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER
(CWDM) FILTER
WDM-CMD0
Code
Number of Channels
4
4 without upgrade
F
4 with upgrade
8
8 without upgrade
E
8 with upgrade
Code
Channel
00
1271 nm
01
1291 nm
02
1311 nm
03
1331 nm
04
1351 nm
05
1371 nm
06
1391 nm
07
1411 nm
08
1431 nm
09
1451 nm
10
1471 nm
11
1491 nm
12
1511 nm
13
1531 nm
14
1551 nm
Code
Connector Type
1
SC/UPC
2
SC/APC
3
Duplex LC/UPC
4
Duplex LC/APC
5
LC/UPC
6
LC/APC
1. Detailed package drawings are available upon request.
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162531 000 1108 CWDMMUXDEMUX48.DS.CMS.AE November 2008
LGX is a registered trademark of Alcatel-Lucent.
Code
Packaging
0LGX1
1
1U 19-inch rack1
2
1U 23-inch rack1


Similar Part No. - WDM-CAD08110

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01001 JDSU-WDM-CAD01001 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01002 JDSU-WDM-CAD01002 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01010 JDSU-WDM-CAD01010 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01011 JDSU-WDM-CAD01011 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
More results

Similar Description - WDM-CAD08110

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
   Division Multiplexer/Demultiplexer
logo
JDS Uniphase Corporatio...
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com