Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT2-PL1MFTD51C Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # CT2-PL1MFTD51C
Description  OC-12 SFP Transceiver (Multirate,1310 nm and 1550 nm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CT2-PL1MFTD51C Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  CT2-PL1MFTD51C Datasheet HTML 1Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 2Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 3Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 4Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 5Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 6Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 7Page - JDS Uniphase Corporation CT2-PL1MFTD51C Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10143022 Rev. 005 09/06 CT2OC12.DS.CMS.AE
OC-12 SFP TRANSCEIVER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: CT2-PL1LBTD31C1
Code
Custom Options
(Output Power/
Dispersion/Channel
Spacing)3
CStandard
Code
Hardware Revision
1
Hardware revision 1
4
Hardware revision 4
1. Fully SONET compliant at OC-12
2. Per GR-253-Core
3. Customer specific options available
upon request
Code
Format/ITU Channel/
Wavelength
TD3
TDM 1310 nm
TD5
TDM 1550 nm
Code
Software Feature Set
1
Software release 1
3
Software release 3
Code
Connector/
Pigtail Length
LLC duplex
MMultimode,plastic
receptacle (IR1 only)
PPlastic LC receptacle
Code
Temperature Range/
Package
A0 to 70 °C case
temperature (MM only)
F-5 to 85 °C case
temperature
K
-40 to 85 °C case
temperature
Code
Rate
POC-12 (multirate LR 1
&LR2)1
KOC-12 (multirate IR1)1
Code
Reach2
I1
Intermediate reach,
1310 nm
L1
Long reach, 1310 nm
L2
Long reach, 1550 nm
CT2-


Similar Part No. - CT2-PL1MFTD51C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
List of Unclassifed Man...
CT2-A30/L ETC-CT2-A30/L Datasheet
348Kb / 1P
   Electronic timer relay
More results

Similar Description - CT2-PL1MFTD51C

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CT2-MS1LATD31C JDSU-CT2-MS1LATD31C Datasheet
207Kb / 8P
   OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm)
CT2-NI1LATD31C JDSU-CT2-NI1LATD31C Datasheet
205Kb / 8P
   OC-3 SFP Transceiver (1310 nm and 1550 nm)
logo
Optoway Technology Inc
SPB-9740MG OPTOWAY-SPB-9740MG Datasheet
326Kb / 12P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9720MG OPTOWAY-SPB-9720MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9620MG OPTOWAY-SPB-9620MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9705MG OPTOWAY-SPB-9705MG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9605MG OPTOWAY-SPB-9605MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9640MG OPTOWAY-SPB-9640MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
SPB-9720MWG OPTOWAY-SPB-9720MWG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V /Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com