Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7607-1003-121M Datasheet(PDF) 8 Page - ETAL Group

Part # P7607-1003-121M
Description  SHIELDED POWER INDUCTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7607-1003-121M Datasheet(HTML) 8 Page - ETAL Group

Back Button P7607-1003-121M Datasheet HTML 3Page - ETAL Group P7607-1003-121M Datasheet HTML 4Page - ETAL Group P7607-1003-121M Datasheet HTML 5Page - ETAL Group P7607-1003-121M Datasheet HTML 6Page - ETAL Group P7607-1003-121M Datasheet HTML 7Page - ETAL Group P7607-1003-121M Datasheet HTML 8Page - ETAL Group P7607-1003-121M Datasheet HTML 9Page - ETAL Group P7607-1003-121M Datasheet HTML 10Page - ETAL Group P7607-1003-121M Datasheet HTML 11Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P7607
ETALDOC 839/4
Page 8 of 11
December 2006
1003 size
Part Number
Inductance (µH)
(1)
DCR (Ω) Max
Rated Current
(2)
IDC (A)
P7607-1003-1R5M
1.5±20%
0.022
4.00
P7607-1003-2R2M
2.2±20%
0.025
3.50
P7607-1003-3R3M
3.3±20%
0.040
3.00
P7607-1003-4R7M
4.7±20%
0.045
2.50
P7607-1003-6R8M
6.8±20%
0.060
2.20
P7607-1003-100M
10±20%
0.070
2.00
P7607-1003-120M
12±20%
0.095
1.90
P7607-1003-150M
15±20%
0.12
1.70
P7607-1003-180M
18±20%
0.13
1.55
P7607-1003-220M
22±20%
0.18
1.45
P7607-1003-270M
27±20%
0.20
1.30
P7607-1003-330M
33±20%
0.21
1.10
P7607-1003-390M
39±20%
0.27
1.00
P7607-1003-470M
47±20%
0.30
0.85
P7607-1003-560M
56±20%
0.40
0.80
P7607-1003-680M
68±20%
0.44
0.75
P7607-1003-820M
82±20%
0.49
0.65
P7607-1003-101M
100±20%
0.67
0.60
P7607-1003-121M
120±20%
0.74
0.55
P7607-1003-151M
150±20%
0.79
0.50
P7607-1003-181M
180±20%
1.20
0.45
P7607-1003-221M
220±20%
1.35
0.40
P7607-1003-271M
270±20%
1.80
0.38
P7607-1003-331M
330±20%
2.00
0.32
P7607-1003-391M
390±20%
2.10
0.30
P7607-1003-471M
470±20%
3.50
0.28
P7607-1003-561M
560±20%
3.90
0.25
P7607-1003-681M
680±20%
4.10
0.22
P7607-1003-821M
820±20%
4.55
0.20
P7607-1003-102M
1000±20%
5.10
0.18
Notes
1. Inductance measured at 100kHz, 1V.
2. Rated Current, IDC, is the current at which the temperature rise is 40ºC (max) or the DC current at which
the zero-current inductance drops by 10%, whichever is less.
3. Operating temperature -25ºC to +85ºC.
4. For non-standard inductance values, please contact Profec.


Similar Part No. - P7607-1003-121M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7607-1003-121M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com