Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF38G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # SF38G
Description  SUPER FAST RECOVERY RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SF38G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SF38G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SF31G THRU SF38G
SUPER FAST RECOVERY RECTIFIER
VOLTAGE:50-600V
CURRENT:3.0A
FEATURES
·High reliability
·Low leakage
·Low forward voltage
·High current capability
·Super fast switching speed
·High surge capability
·Good for switching mode circuit
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SF31
G
SF32
G
SF33
G
SF34
G
SF35
G
SF36
G
SF37
G
SF38
G
units
Maximum
Recurrent
Peak
Reverse
Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum
Average
Forward
rectified
Current at TA=55°C
at T =55
°C
Io
3.0
A
Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on
rate load (JEDEC method)
IFSM
125
A
Maximum Instantaneous forward Voltage
at 3.0A DC
VF
0.95
1.4
1.85
V
Maximum DC Reverse Current at Rated
DC Blocking Voltage TA=25°C
5.0
Maximum Full Load Reverse Current Full
Cycle Average,.375
”(9.5mm) lead length
at T =75
°C
IR
300
µA
Maximum Reverse Recovery Time (Note
1)
trr
35
nS
Typical Junction Capacitance (Note 2)
CJ
50
30
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-27
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.335(8.5)
.220(5.6)
.187(5.0) DIA.
.052(1.3)
.048(1.2) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - SF38G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF38G TSC-SF38G Datasheet
72Kb / 2P
   3.0 AMPS. Ultra Fast Recovery Rectifiers
logo
Jinan Jing Heng Electro...
SF38G JINGHENG-SF38G Datasheet
56Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
HY ELECTRONIC CORP.
SF38G HY-SF38G Datasheet
351Kb / 2P
   Super Fast Glass Passivated Rectifiters
logo
Taiwan Semiconductor Co...
SF38G TSC-SF38G Datasheet
258Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Diode Semiconductor Kor...
SF38G DSK-SF38G Datasheet
377Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - SF38G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com