Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLRXPL-VC-SH4-21-N Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # PLRXPL-VC-SH4-21-N
Description  8.5 G SFP 850 nm Limiting Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PLRXPL-VC-SH4-21-N Datasheet(HTML) 6 Page - JDS Uniphase Corporation

Back Button PLRXPL-VC-SH4-21-N Datasheet HTML 2Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 3Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 4Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 5Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 6Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 7Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 8Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 9Page - JDS Uniphase Corporation PLRXPL-VC-SH4-21-N Datasheet HTML 10Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
8.5 G SFP+ 850 NM LIMITING TRANSCEIVER,
8 GIGABIT FIBRE CHANNEL COMPLIANT
Technical specifications related to the SFP+ optical transceiver include:
• Section 3.1
Pin Function Definitions
• Section 3.2
Absolute Maximum Ratings
• Section 3.3
Operating Conditions
• Section 3.4
Electrical Characteristics
• Section 3.5
Optical Characteristics
• Section 3.6
Link Length
• Section 3.7
Regulatory Compliance
• Section 3.8
PCB Layout
• Section 3.9
Front Panel Opening
• Section 3.10
Module Outline
• Section 3.11
Transceiver Belly-to-belly Mounting
3.1
Pin Function Definitions
Figure 3
Host PCB SFP+ Pad assignment top view
Section 3
Specifications
November 2007
21114472
R2
JDSU
PLRXPL-Vx-SH4-21xN
| p. 7 of 20
2.2 PIN FUNCTION D EFINITIONS
The transceiver pin descriptions as defined in SFF-8431 are shown in Figure 3 below. Table 2 on page 8 has a
complete description of all the pins.
Figure 3 Host PCB SFP+ Pad AssignmentTopView
TOWARD HOST
WITH
DIRECTION
TOWARD
BEZEL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TX_DISABLE
SDA
SCL
RS0
RX_LOS
RS1
VEER
TX_FAULT
TD-
VEET
VEET
TD+
VEET
VCCT
VCCR
RD+
RD-
VEER
MOD_ABS
VEER
OF
MODULE
INSERTION


Similar Part No. - PLRXPL-VC-SH4-21-N

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PLRXPL-VC-S43-21-N JDSU-PLRXPL-VC-S43-21-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-VC-S43-22-N JDSU-PLRXPL-VC-S43-22-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
More results

Similar Description - PLRXPL-VC-SH4-21-N

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-85L3AA1-10 JDSU-JSH-85L3AA1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VX-S43-23-N JDSU-PLRXPL-VX-S43-23-N Datasheet
547Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VC-S43-21-N JDSU-PLRXPL-VC-S43-21-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
logo
Optoway Technology Inc
SPM-4100G OPTOWAY-SPM-4100G Datasheet
170Kb / 5P
   3.3V / 850 nm / 8.5 Gbps SFP LC Multi-Mode TRANSCEIVER
SPM-4100WG OPTOWAY-SPM-4100WG Datasheet
169Kb / 5P
   3.3V / 850 nm / 8.5 Gbps Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com