Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54CDC586 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54CDC586
Description  3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54CDC586 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54CDC586 Datasheet HTML 3Page - Texas Instruments SN54CDC586 Datasheet HTML 4Page - Texas Instruments SN54CDC586 Datasheet HTML 5Page - Texas Instruments SN54CDC586 Datasheet HTML 6Page - Texas Instruments SN54CDC586 Datasheet HTML 7Page - Texas Instruments SN54CDC586 Datasheet HTML 8Page - Texas Instruments SN54CDC586 Datasheet HTML 9Page - Texas Instruments SN54CDC586 Datasheet HTML 10Page - Texas Instruments SN54CDC586 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN54CDC586
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER
WITH 3-STATE OUPUTS
SGBS311 – FEBRUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
f lk
Clock frequency
VCO is operating at four times the CLKIN frequency
25
50
MHz
fclock
Clock frequency
VCO is operating at double the CLKIN frequency
50
100
MHz
Input clock duty cycle
40%
60%
After SEL1, SEL0
50
Stabilization time†
After OE
50
µs
Stabilization time†
After power up
50
µs
After CLKIN
50
† Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at CLKIN. Until phase lock is obtained, the specifications for propagation delay
and skew parameters given in the switching characteristics table are not applicable.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF, unless otherwise noted (see Note 3 and Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
100
MHz
Duty cycle
Y
42%
58%
tphase error‡
CLKIN
Y
–900
200
ps
Jitter(pk-pk)*
CLKIN
Y
200
ps
tsk(o)‡
0.75
ns
tsk(pr)‡*
1.1
ns
tr
1.4
ns
tf
1.4
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
‡ Thepropagation delay, tphaseerror,isdependentonthefeedbackpathfromanyoutputtoFBIN.Thetphaseerror, tsk(o),andtsk(pr)specifications
are valid only for equal loading of all outputs.
NOTE 3: The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.


Similar Part No. - SN54CDC586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CDC586 TI1-SN54CDC586 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
More results

Similar Description - SN54CDC586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC536 TI-CDC536 Datasheet
170Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com