Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLRXXL-SC-S43-C1 Datasheet(PDF) 9 Page - JDS Uniphase Corporation

Part # PLRXXL-SC-S43-C1
Description  RoHS6/6 compliant, 10GbE / FC SR / SW, 850 nm, commercial temperature range, 10 Gb/s XFP optical transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PLRXXL-SC-S43-C1 Datasheet(HTML) 9 Page - JDS Uniphase Corporation

Back Button PLRXXL-SC-S43-C1 Datasheet HTML 5Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 6Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 7Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 8Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 9Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 10Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 11Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 12Page - JDS Uniphase Corporation PLRXXL-SC-S43-C1 Datasheet HTML 13Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
ROHS COMPLIANT XFP OPTICAL TRANSCEIVER – 850NM
FOR UP TO 300M REACH
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Currents and Voltages
Voltage3
Vcc3
3.13
3.3
3.47
V
With respect to GND
Voltage5
Vcc5
5
V
Not used, no internal connection
Voltage2
Vcc2
1.71
1.8
1.89
VPS
Supply current3
Icc3
350
420
mA
Supply current5
Icc5
0
mA
Supply current2
Icc2
10
15
mA
VPS
Power dissipation
Pwr
1.2
1.5
W
Low speed control and sense signals (detailed specification in XFP MSA INF8077i Rev. 4.5)
Outputs (Interrupt,
VOL
0
0.4
V
Rpullup pulled to host _Vcc, Mod_NR,
Mod_NR, RX_LOS)
measured at host side of connector.
IOL(max)=3mA
VOH
host_Vcc-0.5
host_Vcc+ 0.3
V
Rpullup pulled to host _Vcc,
measured at host side of connector
Inputs (TX_DIS,
VIL
-0.3
0.8
V
Pulled up in module to Vcc3
P_Down/RST, M_DSEL)
VIH
2
Vcc3+ 0.3
V
Pulled up in module to Vcc3
Loss of signal voltage level VOH
Vcc -0.5
Vcc
V
LOS output level VOL TLOSD after light
input > LOSD 2
V
OL
0
0.5
V
LOS output level VOH TLOSA after light
input < LOSA 2
SCL and SDA inputs
VIL
-0.3
Vcc3*0.3
Rpullup pulled to host _Vcc,
measured at XFP side of connector
VIH
Vcc3*0.7
Vcc3+0.5
Rpullup pulled to host _Vcc,
measured at XFP side of connector
Transmitter Input (detailed specification in XFP MSA INF8077i Rev. 4.5)
Data input Baud rate nominal
9.95
10.3125
10.75
GBd
Data input bit rate tolerance
-100
+100
ppm
Data input compliance
B
Internally AC coupled signals
Data input differential
RI
80
100
120
Ω
impedance
Receiver Output (detailed specification in XFP MSA INF8077i Rev. 4.5)
Data output Baud rate nominal
9.95
10.3125
10.75
GBd
Data output compliance
C
Internally AC coupled signals
Data output bit rate stability
-100
+100
ppm
3.4
Electrical Characteristics
(Top = 0˚C - 70˚C case, unless otherwise stated)


Similar Part No. - PLRXXL-SC-S43-C1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
logo
ATGBICS by Approved Tec...
PLRXPL-SC-S43-22-N-C ATGBICS-PLRXPL-SC-S43-22-N-C Datasheet
376Kb / 10P
   PLRXPL-SC-S43-22-N JDSU Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
PLRXPL-SC-S43-CS-C ATGBICS-PLRXPL-SC-S43-CS-C Datasheet
376Kb / 10P
   PLRXPL-SC-S43-CS JDSU Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
PLRXPL-SC-S43-CS-DELL-C ATGBICS-PLRXPL-SC-S43-CS-DELL-C Datasheet
376Kb / 10P
   PLRXPL-SC-S43-CS-Dell Dell Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
JDS Uniphase Corporatio...
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
More results

Similar Description - PLRXXL-SC-S43-C1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
FCI connector
TRX10GVP2001 FCI-CONNECTOR-TRX10GVP2001 Datasheet
1Mb / 10P
   10Gbit/s XFP SR, 850 nm Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Optoway Technology Inc
XPM-2100WG OPTOWAY-XPM-2100WG Datasheet
234Kb / 8P
   10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
XPM-2100WG OPTOWAY-XPM-2100WG_10 Datasheet
239Kb / 9P
   10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
XPM-4100WG OPTOWAY-XPM-4100WG Datasheet
239Kb / 9P
   8.5Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com