Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-SXX-00-S20-CX Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # PL-SXX-00-S20-CX
Description  850 nm 2.5 G VCSEL TOSA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PL-SXX-00-S20-CX Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  PL-SXX-00-S20-CX Datasheet HTML 1Page - JDS Uniphase Corporation PL-SXX-00-S20-CX Datasheet HTML 2Page - JDS Uniphase Corporation PL-SXX-00-S20-CX Datasheet HTML 3Page - JDS Uniphase Corporation PL-SXX-00-S20-CX Datasheet HTML 4Page - JDS Uniphase Corporation PL-SXX-00-S20-CX Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

850 NM 2.5 G VCSEL TOSA
parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
VCSEL
Case operating temperature
Top
-40
85
°C
Peak emission wavelength
lp
840
850
860
nm
RMS spectral width
Dl
If = 6 mA
0.65
nm
lp temperature coefficient
Dlp
T = -40 °C to 85 °C
0.06
nm/°C
Threshold current
Ith
1.5
2.5
mA
Ith temperature variation
DIth
T = -40 °C to 85 °C
1.5
mA
Slope efficiency1
h
T = 25 °C
0.08
0.11
0.13
mW/mA
Pout = 0.5 mW
h
T = -40 °C
0.15
mW/mA
h
T = 85 °C
0.06
mW/mA
Slope efficiency temperature variation
Dh/DT
-6000
PPM/°C
Laser forward voltage
Vf
If = 6 mA
1.7
2.0
V
Series resistance
Rs
T=25 °C, If = 6 mA
20
45
60
Ohms
Rs
T=-40 °C
70
Ohms
Rs
T=85 °C
20
Ohms
Series resistance temperature coefficient
DRs/DT
If = 6 mA
-2000
ppm/°C
T= 0 °C to 70 °C
Rise/Fall time2
tr
20% - 80%
100
130
psec
tf
20% - 80%
120
150
psec
Coupling efficiency
efiber
75
%
Average fiber coupled power
POC
If = 6 mA
0.50
mW
Relative intensity noise
RIN12
1 GHz BW, If = 6 mA
-130
-122
dB/Hz
MonitorPhotodiode
Photocurrent
IPD
Pout = 0.5 mW
0.15
0.6
mA
Vr = 1.5 V
Monitor current tracking3
DIm
Pout = 0.5 mW
0.05
0.1
%/°C
T = 0 to 70 °C
Vrm = 1.5 V
Monitor dark current
ID
Vr = 5 V
20
nA
Monitor capacitance
CM
Vrm = 1.5 V
100
pF
1. Slope efficiency is defined as
DPo/DIf.
2. Drive electronics and optical measurement hardware affect Rise/Fall Time measurement.
3. Change in optical power over temperature while operated in a feedback loop in which the monitor current is held constant.
Electro-optical Characteristics
(Tcase = 25 °C , CW operation unless otherwise stated)


Similar Part No. - PL-SXX-00-S20-CX

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-SXR-00-S23-CX JDSU-PL-SXR-00-S23-CX Datasheet
235Kb / 5P
   850 nm 2.5 G ROSA
More results

Similar Description - PL-SXX-00-S20-CX

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-SLX-00-SG0-CX JDSU-PL-SLX-00-SG0-CX Datasheet
244Kb / 6P
   850 nm 4.25 G VCSEL LC TOSA
PL-VD0-00-S20-C0 JDSU-PL-VD0-00-S20-C0 Datasheet
169Kb / 3P
   850 nm 2.5 G VCSEL Die
PL-XXD-00-S40-CX JDSU-PL-XXD-00-S40-CX Datasheet
346Kb / 8P
   850 nm 10 G TOSA
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PL-VD0-00-SG0-C0 JDSU-PL-VD0-00-SG0-C0 Datasheet
152Kb / 3P
   850 nm 4.25 G VCSEL Die
logo
Unity Opto Technology
MCE-8V4C-302 UOT-MCE-8V4C-302 Datasheet
81Kb / 2P
   850 nm VCSEL
MCE-8V4C-301 UOT-MCE-8V4C-301 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
Zarlink Semiconductor I...
ZL60001 ZARLINK-ZL60001 Datasheet
418Kb / 5P
   High speed 2.5 Gbps 850 nm VCSEL
logo
Unity Opto Technology
MCE-8V4C-312 UOT-MCE-8V4C-312 Datasheet
81Kb / 2P
   850 nm VCSEL
logo
JDS Uniphase Corporatio...
PL-SXR-00-S23-CX JDSU-PL-SXR-00-S23-CX Datasheet
235Kb / 5P
   850 nm 2.5 G ROSA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com