Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-XXD-00-S40-CX Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # PL-XXD-00-S40-CX
Description  850 nm 10 G TOSA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PL-XXD-00-S40-CX Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  PL-XXD-00-S40-CX Datasheet HTML 1Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 2Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 3Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 4Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 5Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 6Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 7Page - JDS Uniphase Corporation PL-XXD-00-S40-CX Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NORTH AMERICA: 800 498-JDSU (5378)
wORlDwIDE: +800 5378-JDSU
wEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30149334 501 0408 PL-XXD-00-S40-CX.DS.CC.AE
April 2008
850 NM 10 G TOSA
Order Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: pl-SSD-00-S40-C2
part Number
Description
PL-SSD-00-S40-C
DifferentialdriveTOSAwithSChousing,4leads
PL-SLD-00-S40-C
DifferentialdriveTOSAwithLChousing,4leads
PL-SLD-00-S40-C
DifferentialdriveTOSAwithLChousing,leads
10 G,TOSA without Flex Circuit
part Number
Description
PL-FSC-00-S40-C4
Anode-driveTOSAwithSChousingwithflex
PL-FLC-00-S40-C4
Anode-driveTOSAwithLChousingwithflex
PL-FSD-00-S40-C
DifferentialdriveTOSAwithSChousingwithflex
PL-FLD-00-S40-C
DifferentialdriveTOSAwithLChousingwithflex
PL-FSA-00-S40-C
Cathode-driveTOSAwithSChousingwithflex
PL-FLA-00-S40-C
Cathode-driveTOSAwithLChousingwithflex
10 G, 5-lead TOSA with Flex Circuit


Similar Part No. - PL-XXD-00-S40-CX

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-XXR-00-S43-C6 JDSU-PL-XXR-00-S43-C6 Datasheet
251Kb / 5P
   850 nm 10 G ROSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
More results

Similar Description - PL-XXD-00-S40-CX

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
   850 nm 2.5 G VCSEL TOSA
PL-SLX-00-SG0-CX JDSU-PL-SLX-00-SG0-CX Datasheet
244Kb / 6P
   850 nm 4.25 G VCSEL LC TOSA
PL-XXR-00-S43-C6 JDSU-PL-XXR-00-S43-C6 Datasheet
251Kb / 5P
   850 nm 10 G ROSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
PL-SXR-00-S23-CX JDSU-PL-SXR-00-S23-CX Datasheet
235Kb / 5P
   850 nm 2.5 G ROSA
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VX-S43-23-N JDSU-PLRXPL-VX-S43-23-N Datasheet
547Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VC-S43-21-N JDSU-PLRXPL-VC-S43-21-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com