Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-XXR-00-S43-C6 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # PL-XXR-00-S43-C6
Description  850 nm 10 G ROSA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PL-XXR-00-S43-C6 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  PL-XXR-00-S43-C6 Datasheet HTML 1Page - JDS Uniphase Corporation PL-XXR-00-S43-C6 Datasheet HTML 2Page - JDS Uniphase Corporation PL-XXR-00-S43-C6 Datasheet HTML 3Page - JDS Uniphase Corporation PL-XXR-00-S43-C6 Datasheet HTML 4Page - JDS Uniphase Corporation PL-XXR-00-S43-C6 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image

850 NM 10 G ROSA
ROSA without Flex Dimensions (lC)
pin
Symbol
Function
1
Vout P
TIA Output Voltage (Non-Inverted)
2
Vdd
Positive Supply Voltage
3
RSSI
Receive Signal Power, Avg. Current
4
Vout N
TIA Output Voltage (Inverted)
5
GND
Ground
pl-SxR-00-S43-C6 (no flex)
TO CAN ASSY AND BARREL
10 MAX ROTATIONAL
MISALIGNMENT BETWEEN
2X 41°
2.540
2X 82°
PIN 5
PIN 4
PIN 1
PIN 3
PIN 2
0.440
3X
2X
0.250
BARREL
KEYING
FEATURE
±0.025
0.838
6.599
±1°
45°
2.083±0.025
2X 5.941
UNITS: MM
.X
= 0.2
.XX = 0.10
.XXX = 0.050
DWG, DATASHEET, ROSA
ENG
DRAWN
CHECKED
DATE
DATE
DATE
PART NO.
QUALITY PROCEDURE 07000056
DIMENSIONS ARE IN MILLIMETERS
REV
LOUISVILLE, COLORADO 80027
Fx 303-530-4897
D PAQUET
D PAQUET
P BARTRAM
31 OCT 06
31 OCT 06
01 NOV 06
03
DRAWING NO.
UNLESS OTHERWISE SPECIFIED
TOLERANCE ARE:
1480 ARTHUR AVENUE
Ph 303-530-3189
UNLESS OTHERWISE SPECIFIED
MUST CONFORM TO PICOLIGHT
10G, LC, 4+1, STACK PIN, ULTEM
OPTICAL REF PLANE
0.025
0.025
0.660
1.270
+
-
+
+
-
4.039
0.076
5.080
±0.025
0.38
2.921
0.050
6.50-0.25
5X 13.460
A
A
SECTION A-A
4.039
4.166
45°±1°
G
N
E
O
C
E
N
O
I
T
P
I
R
C
S
E
D
V
E
R
DATE
CHECKED
DATE
1
3
P
W
D
1
0
5
6
0
0
E
S
A
E
L
E
R
L
A
I
T
I
N
I
1
0
OCT 06
PB
01 NOV 06
02
UPDATED DRAWING TO REFLECT CHANGES TO
PARENT DWG
006785
AK
20 FEB 07
DAC
27 FEB 07
CORRECTED PIN DIAMETERS
007261
DB
21 JUN 07
CW
21 JUN 07
pad
Symbol
Function
1
Vcc
Vcc
2
GND
Ground
3
Vout P
TIA Output Voltage (Non-Inverted)
4
Vout N
TIA Output Voltage (Inverted)
5
GND
Ground
6
RSSI
Receive Signal Power, Avg. Current
pl-FxR-00-S43-C6 (with flex)


Similar Part No. - PL-XXR-00-S43-C6

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
More results

Similar Description - PL-XXR-00-S43-C6

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PL-SXR-00-S23-CX JDSU-PL-SXR-00-S23-CX Datasheet
235Kb / 5P
   850 nm 2.5 G ROSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
PL-SLR-00-SG3-CX JDSU-PL-SLR-00-SG3-CX Datasheet
291Kb / 4P
   850 nm 4.25 G LC ROSA
PL-XXD-00-S40-CX JDSU-PL-XXD-00-S40-CX Datasheet
346Kb / 8P
   850 nm 10 G TOSA
PL-SLR-00-L23-CX JDSU-PL-SLR-00-L23-CX Datasheet
197Kb / 4P
   1310/1550 nm 2.5 G LC ROSA
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PL-SXX-00-S20-CX JDSU-PL-SXX-00-S20-CX Datasheet
209Kb / 5P
   850 nm 2.5 G VCSEL TOSA
PLRXPL-VX-S43-23-N JDSU-PLRXPL-VX-S43-23-N Datasheet
547Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com