Selected language     English  ▼


W01M Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part No. W01M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Homepage  http://www.perfectway.cn
Logo 

   
 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
W005M THRU W10M
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE:50-1000V
CURRENT:1.5A
FEATURES
·Surge overload ratings-50 Amperes
·Good for printed circuit board assembly
MECHANICAL DATA
·Case: Plastic shell with plastic encapsulation
·Epoxy: UL 94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity: As marked
·Mounting position: Any
·Weight: 1.20 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL W005M W01M W02M W04M W06M W08M W10M
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average Forward rectified Output
Current at TA=25°C
Io
1.5
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
50
A
Maximum Forward Voltage Drop per element at
1.0A DC
VF
1.0
V
@ TA=25°C
10
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per element
@ TA=100°C
IR
500
µA
I
2t Rating for Fusing (t﹤8.3ms)
I
2t
10
A
2S
Typical Junction Capacitance (Note 1)
CJ
24
pF
Typical Thermal Resistance (Note 2)
RθJA
36
°C/W
Notes:
1.Measured at 1MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to lead mounted on P.C.B with 0.5
×0.5”(13×13mm) copper pads
WOM
.360(9.1)
.340(8.6)
.217(5.5)
.197(5.0)
1.2
(30.5) MIN.
1.0
25.4 MIN.
.032(0.8)
.028(0.7)
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMB1505TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
DBG150GDiffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier 1 2 3 Sanyo Semicon Device
MP2505_05SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
BR805SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 Chongqing Pingwei Enterprise co.,Ltd
KBPC8005SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 Chongqing Pingwei Enterprise co.,Ltd
KBU8A-RS801SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 Chongqing Pingwei Enterprise co.,Ltd
MMB1505WTECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 1 2 Dc Components
DBG250GDiffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier 1 2 3 Sanyo Semicon Device
RS101_05SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER 1 2 Rectron Semiconductor
TB3053.0A Single-Phase Silicon Bridge Rectifier 1 2 3 4 TAITRON Components Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl