Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDX-04MD1022B Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # MDX-04MD1022B
Description  100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-04MD1022B Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  MDX-04MD1022B Datasheet HTML 1Page - JDS Uniphase Corporation MDX-04MD1022B Datasheet HTML 2Page - JDS Uniphase Corporation MDX-04MD1022B Datasheet HTML 3Page - JDS Uniphase Corporation MDX-04MD1022B Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
WEBSITE
: www.jdsu.com
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com/test
WORLDWIDE
: +800 5378-JDSU
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation
September 2008
10143156 002 0908 DWDMOADM.DS.CMS.TM.AE
100 GHZ DWDM OADM
MDX-
Code
Channels
01AD
1
04MD
2
08MD
3
Note: Contact your JDSU representative for required ITU wavelengths in the range of 1563.86 to 1527.99 nm.
Channel Plan
Codes
ITU Number
Frequency (THz)
Wavelength (nm)
61
61
196.10
1528.77
60
01
0A
60
196.00
1529.55
59
01
0A
59
195.90
1530.33
58
01
0A
58
195.80
1531.12
57
01
0A
57
195.70
1531.9
56
56
195.60
1532.68
55
02
0A
55
195.50
1533.47
54
02
0A
54
195.40
1534.25
53
02
0A
53
195.30
1535.04
52
02
0A
52
195.20
1535.82
51
51
195.10
1536.61
50
03
0B
50
195.00
1537.4
49
03
0B
49
194.90
1538.19
48
03
0B
48
194.80
1538.98
47
03
0B
47
194.70
1539.77
46
46
194.60
1540.56
45
04
0B
45
194.50
1541.35
44
04
0B
44
194.40
1542.14
43
04
0B
43
194.30
1542.94
42
04
0B
42
194.20
1543.73
41
41
194.10
1544.53
40
40
194.00
1545.32
39
39
193.90
1546.12
38
05
0C
38
193.80
1546.92
37
05
0C
37
193.70
1547.72
36
05
0C
36
193.60
1548.51
35
05
0C
35
193.50
1549.32
34
34
193.40
1550.12
33
06
0C
33
193.30
1550.92
32
06
0C
32
193.20
1551.72
31
06
0C
31
193.10
1552.52
30
06
0C
30
193.00
1553.33
29
29
192.90
1554.13
28
07
0D
28
192.80
1554.94
27
07
0D
27
192.70
1555.75
26
07
0D
26
192.60
1556.55
25
07
0D
25
192.50
1557.36
24
24
192.40
1558.17
23
08
0D
23
192.30
1558.98
22
08
0D
22
192.20
1559.79
21
08
0D
21
192.10
1560.61
20
08
0D
20
192.00
1561.42
19
19
191.90
1562.23
18
18
191.80
1563.05
10
B
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America, +1 800-5378-JDSU worldwide or via e-mail at sales@jdsu.com.
Sample: MDX-04MD1001B


Similar Part No. - MDX-04MD1022B

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-04ADCB01A JDSU-MDX-04ADCB01A Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
MDX-04ADCB02A JDSU-MDX-04ADCB02A Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
MDX-04ADCB1AA JDSU-MDX-04ADCB1AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
MDX-04ADCB1BA JDSU-MDX-04ADCB1BA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
MDX-04ADCB2AA JDSU-MDX-04ADCB2AA Datasheet
127Kb / 4P
   Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
More results

Similar Description - MDX-04MD1022B

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
   The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
Emcore Corporation
2925 EMCORE-2925 Datasheet
67Kb / 2P
   Dense Wave Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
logo
Bookham, Inc.
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
JDS Uniphase Corporatio...
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
ADM-2F2721010 JDSU-ADM-2F2721010 Datasheet
94Kb / 4P
   Filter Add/Drop Module 200 GHz Spacing
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com