Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010-00-0470 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # 1010-00-0470
Description  Stealth Digital Analyzer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1010-00-0470 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

Back Button 1010-00-0470 Datasheet HTML 2Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 3Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 4Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 5Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 6Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 7Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 8Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 9Page - JDS Uniphase Corporation 1010-00-0470 Datasheet HTML 10Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Tilt measurement
Tilt is the easiest and most efficient tool for balancing amplifiers. For cable plants
requiring multiple tilt measurements, such as comparing today’s tilt measurement
with a historical record and then making an additional measurement for a new
wider channel plan, the technician simply uses markers to indicate the tilt
channels that define the new limits with the SDA Series.
Intermodulation distortion
Intermodulation distortion (CSO/CTB) can be automatically measured using the
CTB/CSO mode from the spectrum analyzer. CTB/CSO distortions produced by
intermodulation of analog TV carriers can degrade the signal quality of QAM
modulated signals used by digital video and cable modems.
Scan measurement
The SDA Series Scan mode provides a quick graphical view of the entire channel
plan with bars representing the video level for each channel. Both video and audio
may be displayed.
Carrier-to-noise measurement: in-service
Carrier-to-noise measurements (on a non-scrambled channel) is just as easy with
the SDA Series and there is no need to remove modulation from the video carrier.
No tunable preselector filter is needed.
Hum measurement: in-service
Measuring hum on a channel (non-scrambled) is as simple as pressing the
“HUM” key with the versatile JDSU SDA Series. Since the instrument is battery
powered, the measurement is independent of ground loops and is, therefore,
isolated from the line (mains). Hum is revealed as either single (60 Hz) or double
(120 Hz) horizontal bars across the video screen.
Modulation measurement
SDA Series modulation measurements include NTSC, PAL, and SECAM formats.
Demodulation of the audio is done for both AM and FM. FM is used to hear
audio distortion on the FM radio channels or the sound of the TV program. AM
is used to recognize short-wave interference signals in the reverse band.
Local amplifier alignment w/loopback tests
The SDA Series’ loopback tests enable the technician to perform frequency
response measurements of active or passive field devices. Either a CW or sweep
signal may be generated from the SDA instrument and injected to the input of a
device under test. The DUT output can then be measured by the SDA, providing
valuable information such as gain, loss, roll-off, or frequency response. The CW
loopback test is available on the SDA-5000 with option 1. The CW loopback and
sweep loopback features are available on the SDA-5000 with option 2.
6
SDA-5000 SERIES STEALTH DIGITAL ANALYZER
Tilt mode performs automatic tilt calculations
between any two of nine designated carriers
Limit checks can be instantly viewed after identifying
channel of interest with a marker in Scan mode
display
In-service carrier-to-noise


Similar Part No. - 1010-00-0470

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010-00-0470

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
logo
Agilent(Hewlett-Packard...
N2100B HP-N2100B Datasheet
504Kb / 4P
   Digital Communication Analyzer
logo
TEKTRONIX, INC.
DSA8300 TEKTRONIX-DSA8300 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
   Digital Serial Analyzer Sampling Oscilloscope
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
   STEALTH II Rectifier
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com