Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019-00-1455 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 1019-00-1455
Description  Remote Service Analyzer Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1019-00-1455 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  1019-00-1455 Datasheet HTML 1Page - JDS Uniphase Corporation 1019-00-1455 Datasheet HTML 2Page - JDS Uniphase Corporation 1019-00-1455 Datasheet HTML 3Page - JDS Uniphase Corporation 1019-00-1455 Datasheet HTML 4Page - JDS Uniphase Corporation 1019-00-1455 Datasheet HTML 5Page - JDS Uniphase Corporation 1019-00-1455 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Integrated solution
The RSAM is configured using the
JDSU
FDM-100
Field
Data
Management software. Easily set-up,
maintain and update channel plans
and limits. The FDM-100 interface is
common between DSAM field meters
and
the
RSAM-5600
and
even
provides asset management of your
RSAM-5600 deployments.
3
RSAM-5600 REMOTE SERVICE ANALYZER MODULE
Accessing RSAM measurement is
accomplished via the RAS-100 Remote
Analysis Software.
The RAS-100
provides
a
browser
compatible
interface via a web server which
services measurement requests to
individual RSAM units. There are no
clients to purchase or install in your
system. View the results 24/7 from
anywhere—including over an RF
network on the DSAM. The RAS-100
Remote Analysis Software responds to
requests and formats the web page
appropriately for the DSAM WFA web
browser or a standard Internet web
browser.
On Demand Reporting
Full Scan
From a PC web browser, a technician
can quickly analyze system levels using
the Full Scan report.
This report
graphically depicts the analog video
levels and average digital power levels
across the channel lineup.
The user
can then quickly compare the levels to
the 4 different thresholds to determine
the systems health. From the field, a
user equipped with a DSAM with the
WFA
Browser
option
can
also
remotely view the full scan.
3
Figure 2: Remote service analysis
Coax
Distribution
Network
Primary Fiber Ring
Hub
Hub
Hub
DSAM-2500
Ethernet
PC
RSAM-5600
Remote view of Scan Graph on PC Internet Browser
Remote view of Scan Graph on a DSAM


Similar Part No. - 1019-00-1455

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1019-00-1190 JDSU-1019-00-1190 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1019-00-1190 JDSU-1019-00-1190 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1019-00-1195 JDSU-1019-00-1195 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
1019-00-1195 JDSU-1019-00-1195 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
1019-00-1285 JDSU-1019-00-1285 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
More results

Similar Description - 1019-00-1455

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4164A KEYSIGHT-U4164A Datasheet
1Mb / 34P
   Logic Analyzer Module
logo
Agilent(Hewlett-Packard...
16962A HP-16962A Datasheet
246Kb / 9P
   Logic Analyzer Module
logo
MRV Communications, Inc...
EM316EUSM MRV-EM316EUSM Datasheet
585Kb / 6P
   EUSM??- Ethernet Universal Service Module
EM316EUSM-10G MRV-EM316EUSM-10G Datasheet
720Kb / 4P
   10G Ethernet Universal Service Module
logo
Keysight Technologies
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
   PCI Express 3.0 Analyzer Module
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
U4328A KEYSIGHT-U4328A Datasheet
2Mb / 19P
   PCI Express짰 3.0 Analyzer Module
M9260A KEYSIGHT-M9260A Datasheet
1Mb / 13P
   M9260A PXIe Audio Analyzer Module
U4324A KEYSIGHT-U4324A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
logo
Carling Technologies
RB1110BU1C CARLINGTECH-RB1110BU1C Datasheet
2Mb / 5P
   Remote Operating Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com