Selected language     English  â–¼


Q-PS-1000R Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part No. Q-PS-1000R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

   
 2 page
background image
2
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q Series 355 nm Laser Head
(Specifications in inches [mm] unless otherwise noted. Dimensions include mounting pads.)
.90
[22.9]
2.19 [55.6]
.94
[23.9]
4.82
[122.4]
1.06
[26.9]
UMBILICAL CABLE PORT
COOLING WATER CONNECTION, 2X
8.75 [222.3]
9.84 [250.0]
10.00 [254.0]
LOCATION POINT, 3X
.25
[6.4]
5.00
[127.0] 4.92
[125.0]
4.92
[125.0]
5.00
[127.0]
3X, .266 WIDE X .346 LONG SLOT
[3X, 6.8 WIDE X 8.8 LONG SLOT]
32.00 [812.8]
3X MOUNTING PADS
Detail A
Scale 1:2
.669
[17.00]
1.050 [26.65]
.100 [2.54]
3.39 [86.1]
2.75 [69.8]
5.50 [139.7]
1.987 [50.47]
Laser Center
A
.040
[1.0]
WATER HOSE FITTINGS
ELECTRICAL
INTERFACE PANEL
21.0
17.3
WATER FILL PORT
VOLTAGE SELECTION
ACCESS
[440]
[533]
13.00
10.4
[264]
[329]
16.80
[426.7]
14.34
[364.2]
3.48 [88.4]
.24 [6.1]
3.00 [76.2]
.35 [8.9]
18.30 [464.8]
4X, .218 X .375
Power Supply and Chiller
(Specifications in inches [mm] unless otherwise noted. )




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L4-9891510-100EHigh-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532M010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
SLD1236VLHigh-Power Red Laser Diode Supports Ă—16-Speed DVD Recording 1 2 List of Unclassifed Manufacturers
L4-9897603-100BHigh-Power 10 W 976 nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532S010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
1060-1100High-Power 10 W 9xx nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
LD098T980nm High-Power Laser Diode 1 2 3 4 List of Unclassifed Manufacturers
SLD3233VFHigh-Power Blue-Violet Laser Diode for Blu-ray Discs 1 2 List of Unclassifed Manufacturers
L4-2486-003High-Power 2 W 830 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation
L4-2495-001High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl