Selected language     English  â–¼


Q-PS-1000R Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part No. Q-PS-1000R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

   
 3 page
background image
3
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q30X 355nm Models
Typical Performance
0
5
10
15
0
50
100
150
200
250
300
020
40
60
80
100 120 140
Pulse Repetition Rate (kHz)
Typical Performance
Q301
Q302
Q303
Q304
Q33X Lower Coast 355nm Models
Typical Performance
Q331
Q332
Q333
0
2
4
6
8
10
0
40
80
120
160
200
020
40
60
80
100 120 140
Pulse Repetition Rate (kHz)
Typical Performance




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L4-9891510-100EHigh-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532M010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
SLD1236VLHigh-Power Red Laser Diode Supports Ă—16-Speed DVD Recording 1 2 List of Unclassifed Manufacturers
L4-9897603-100BHigh-Power 10 W 976 nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532S010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
1060-1100High-Power 10 W 9xx nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
LD098T980nm High-Power Laser Diode 1 2 3 4 List of Unclassifed Manufacturers
SLD3233VFHigh-Power Blue-Violet Laser Diode for Blu-ray Discs 1 2 List of Unclassifed Manufacturers
L4-2486-003High-Power 2 W 830 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation
L4-2495-001High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl