Selected language     English  ▼


Q-PS-1000R Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part No. Q-PS-1000R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

   
 4 page
background image
4
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q Series Laser Head Specifications
Parameter
Q301-HD
Q302-HD
Q303-HD
Q304-HD
Wavelength
355 nm
355 nm
355 nm
355 nm
Spatial mode
TEM00
TEM00
TEM00
TEM00
M-squared1
<1.2
<1.2
<1.2
<1.2
Waist location1 (internal, from beam exit)
42±0.4 cm
42±0.4 cm
42±0.4 cm
42±0.4 cm
Waist diameter1, 1/e2
0.26 mm nominal
0.26 mm nominal
0.26 mm nominal
0.25 mm nominal
Beam divergence1, full angle
1.8±0.35 mrad
1.8±0.35 mrad
1.8±0.35 mrad
2.0±0.35 mrad
Beam pointing drift, full angle
<10 µrad/°C
<10 µrad/°C
<10 µrad/°C
<10 µrad/°C
Pointing drift, over 8 hours, full angle2
<50 µrad
<50 µrad
<50 µrad
<50 µrad
Beam position accuracy, unit to unit
<2.5 mm from nominal <2.5 mm from nominal <2.5 mm from nominal <2.5 mm from nominal
Beam pointing accuracy, unit to unit
<1° from nominal
<1° from nominal
<1° from nominal
<1° from nominal
Repetition rate
Internally triggered
5 to 250 kHz
5 to 250 kHz
5 to 250 kHz
5 to 250 kHz
Externally triggered
0 to 250 kHz
0 to 250 kHz
0 to 250 kHz
0 to 250 kHz
Constant pulse energy range
<10 kHz
<30 kHz
<50 kHz
<40 kHz
Average output power3
At 10, 20, and 30 kHz
≥10.0, 8.0 and 6.0 W -
-
At 30, 50, and 70 kHz
-
≥8.0, 6.8, and 5.0 W
-
At 70, 100, and 130 kHz
-
-
≥6.5, 4.5, and 2.9 W -
At 40, 60, and 90 kHz
-
-
-
≥11.0, 9.5, 6.3 W
Pulse width4
At 10, 20, and 30 kHz
34±10,52±15,69±15 ns
-
-
-
At 30, 50, and 70 kHz
-
78±20,107±20,135±30ns -
-
At 70, 100, and 130 kHz
-
135±35,180±45,225±60ns -
At 40, 60, and 90 kHz
-
-
-
95±30,130±35,180±50ns
Pulse energy fluctuations5
At 10, 20, and 30 kHz
<1.0%, 10 – 30 kHz
-
-
-
At 30, 50, and 70 kHz
-
<1.5%, 30 – 50 kHz
-
-
At 70, 100, and 130 kHz
-
-
<1.5%, <2.0%, <2.5% -
At 40, 60, and 90 kHz
-
-
-
<1.5%, 40 – 90 kHz
Power drift over 8 hours2, 6
<±2%
<±2%
<±2%
<±2%
Beam roundness
>85% circular
>85% circular
>85% circular
>85% circular
Polarization
>100:1, horizontal
>100:1, horizontal
>100:1, horizontal
>100:1, horizontal
Warm-up time
From cold start
<20 minutes
<20 minutes
<20 minutes
<20 minutes
From standby
<10 minutes
<10 minutes
<10 minutes
<10 minutes
Operating ambient temperature
15 to 35°C
15 to 35°C
15 to 35°C
15 to 35°C
Relative humidity, non-condensing
10 to 80%
10 to 80%
10 to 80%
10 to 80%
Weight
14.5 kg
14.5 kg
14.5 kg
14.5 kg
1. Specifications hold over different repetition rate ranges, depending on the laser model, as follows:
Q301 from 10 to 30 kHz, for Q302 from 30 to 70 kHz, for Q303 from 70 to 130 kHz, and Q304 from 40 to 90 kHz.
2. Ambient temperature constant ±2°C.
3. Averaged for 1 hour after >80 minutes of continuous operation.
4. Pulse duration measured according to method detailed in JDSU application note titled “Optical Pulse Width Measurement Techniques for Q-Series Lasers.”
5. Pulse Energy Fluctuations =
σ / μ x 100%, σ = standard deviation, μ = average pulse energy.
6. Measured after more than 80 minutes of continuous operation.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L4-9891510-100EHigh-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532M010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
SLD1236VLHigh-Power Red Laser Diode Supports ×16-Speed DVD Recording 1 2 List of Unclassifed Manufacturers
L4-9897603-100BHigh-Power 10 W 976 nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532S010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
1060-1100High-Power 10 W 9xx nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
LD098T980nm High-Power Laser Diode 1 2 3 4 List of Unclassifed Manufacturers
SLD3233VFHigh-Power Blue-Violet Laser Diode for Blu-ray Discs 1 2 List of Unclassifed Manufacturers
L4-2486-003High-Power 2 W 830 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation
L4-2495-001High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl