Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q-PS-A30R Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # Q-PS-A30R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

Q-PS-A30R Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  Q-PS-A30R Datasheet HTML 1Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 2Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 3Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 4Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 5Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 6Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 7Page - JDS Uniphase Corporation Q-PS-A30R Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q-PS-1000R Power Supply
Parameter
Specification
Front panel/display
Power on/off key
Shutter open/closed switch (Status LED)
Status Display (4 line x 20 character vacuum fluorescent)
RS232 Serial Port Connector (9-pin D-sub)
Rear panel
RS232 Serial Port Connector (Identical to front panel)
Interlock connector (2-pin, 0.1” spacing)
Q switch RF connector (SMA connector)
Umbilical connector (multi-pin D-shaped)
Chiller communication port (9-pin D-sub)
Emission indicator connector (2-pin, 0.1” spacing)
External control port (10-pin 3M-style)
Slot for optional standard or custom interface board (standard with 3 BNC connectors)
Ground pin
Fuse holder
Power Switch
Power cord connector
Weight
20.5 lbs (9.3 kg)
Umbilical cable length
Standard: 10 ft. (3.0 m); optional: 16.4 ft. (5.0 m)
Frequency
100 to 240 V AC, 50 – 60 Hz
Power
<550 W (400 W typical)
Input and Ambient
Voltage, frequency
100 to 240 V AC, 50 – 60 Hz
Power
<550 W (400 W typical)
Operating ambient temperature
15 to 35°C
Relative humidity, non-condensing
10 – 80%
Storage temperature
-20 to 55°C
QA-CH Chiller
Parameter
Specification
Cooling capacity
>300 W
Refrigerant
R134a
Coolant
Distilled or tap water
Reservoir volume
<1 gal (3.8 l)
Coolant flow rate
<0.4 gpm at 6 psi (1.5 lpm at 0.4 atm)
Weight, reservoir empty
121 lbs (55 kg)
Hose length
Standard: 9.5 ft (2.9 m); optional: 16 ft (4.9 m)
Control cable length
10 ft (3.0 m)
Input and Ambient
Voltage, frequency1
90 to 110 and 180 to 220 V AC, 50 Hz
105 to 125 and 210 to 250 V AC, 60 Hz
Power
<1000 W (700 W typical)
Operating ambient temperature
15 to 35°C
Relative humidity, non-condensing
10 to 80%
Storage temperature
-20 to 55°C
Orientation
Upright position only
1. For 200/230 VAC version, the model number is QA-CH-E.


Similar Part No. - Q-PS-A30R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q-PAD-3 ETC2-Q-PAD-3 Datasheet
375Kb / 2P
   Conforms to surface textures
Q-PAD-II ETC2-Q-PAD-II Datasheet
373Kb / 2P
   Designed to replace thermal grease
logo
Qualtek Electronics Cor...
Q-PTFE QUALTEK-Q-PTFE Datasheet
576Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-PTFE QUALTEK-Q-PTFE Datasheet
651Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-PTFE QUALTEK-Q-PTFE_13 Datasheet
651Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q-PS-A30R

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMPL-532 ROITHNER-RLTMPL-532 Datasheet
243Kb / 3P
   Green Diode Pumped Solid State Q-switched Laser
logo
JDS Uniphase Corporatio...
M110-1047-050 JDSU-M110-1047-050 Datasheet
192Kb / 5P
   Q-Switched IR Laser
logo
Roithner LaserTechnik G...
RLTCO-1064-400W ROITHNER-RLTCO-1064-400W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-50W ROITHNER-RLTCO-1064-50W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-500W ROITHNER-RLTCO-1064-500W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-200W ROITHNER-RLTCO-1064-200W Datasheet
143Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-75W ROITHNER-RLTCO-1064-75W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-100W ROITHNER-RLTCO-1064-100W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-300W ROITHNER-RLTCO-1064-300W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
MGM2-1 ROITHNER-MGM2-1 Datasheet
144Kb / 1P
   Green Diode Pumped Laser Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com