Electronic Components Datasheet Search
Selected language     English  â–¼


Q-PS-A30R Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part No. Q-PS-A30R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

   
 7 page
background image
7
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Laser Head
Product Code
Description
Q331-HD
355 nm, 5 W class, 10 to 30 kHz
Q332-HD
355 nm, 5 W class, 30 to 70 kHz
Q333-HD
355 nm, 5 W class, 70 to 130 kHz
Q301-HD
355 nm, 10 W class, 10 to 30 kHz
Q302-HD
355 nm, 10 W class, 30 to 70 kHz
Q303-HD
355 nm, 10 W class, 70 to 130 kHz
Q304-HD
355 nm, 11 W class, 40 to 90 kHz
Power Supply
Product Code
Description
QA-CH-A11
Pair of 3 m hoses, straight/straight couplings
QA-CH-A12
Pair of 5 m hoses, straight/straight couplings
QA-CH-A21
Pair of 3 m hoses,right-angle/straight couplings
QA-CH-A22
Pair of 5 m hoses,right-angle/straight couplings
QA-CH-A31
Pair of 3 m hoses,right-angle/right-angle couplings
QA-CH-A32
Pair of 5 m hoses,right-angle/right-angle couplings
Hose Kit
Sample: Q331-HD (355 nm, 10 to 30 kHz laser head), Q-PS-1000R (power supply), Q-PS-A30R (3 meter flex umb cable set),
QA-CH (standard voltage configuration chiller), and QA-CH-A11 (3 m hose, straight/straight couplings)
Product Code
Description
Q-PS-1000R
Standard power supply
Umbilical Cable
Product Code
Description
Q-PS-A30R
3 meter flex umbilical cable set
Q-PS-A50R
5 meter flex umbilical cable set
Q-PS-A70R
7 meter flex umbilical cable set
Q-PS-A100R
10 meter molded umb cable set
Product Code
Description
QA-CH
Chiller with standard voltage configuration
QA-CH-E
Chiller with European voltage configuration
Chiller




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L4-9891510-100EHigh-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532M010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
SLD1236VLHigh-Power Red Laser Diode Supports Ă—16-Speed DVD Recording 1 2 List of Unclassifed Manufacturers
L4-9897603-100BHigh-Power 10 W 976 nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532S010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
1060-1100High-Power 10 W 9xx nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
LD098T980nm High-Power Laser Diode 1 2 3 4 List of Unclassifed Manufacturers
SLD3233VFHigh-Power Blue-Violet Laser Diode for Blu-ray Discs 1 2 List of Unclassifed Manufacturers
L4-2486-003High-Power 2 W 830 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation
L4-2495-001High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl