Selected language     English  ▼


Q-PS-A70R Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part No. Q-PS-A70R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

   
 6 page
background image
6
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Q-PS-1000R Power Supply
Parameter
Specification
Front panel/display
Power on/off key
Shutter open/closed switch (Status LED)
Status Display (4 line x 20 character vacuum fluorescent)
RS232 Serial Port Connector (9-pin D-sub)
Rear panel
RS232 Serial Port Connector (Identical to front panel)
Interlock connector (2-pin, 0.1” spacing)
Q switch RF connector (SMA connector)
Umbilical connector (multi-pin D-shaped)
Chiller communication port (9-pin D-sub)
Emission indicator connector (2-pin, 0.1” spacing)
External control port (10-pin 3M-style)
Slot for optional standard or custom interface board (standard with 3 BNC connectors)
Ground pin
Fuse holder
Power Switch
Power cord connector
Weight
20.5 lbs (9.3 kg)
Umbilical cable length
Standard: 10 ft. (3.0 m); optional: 16.4 ft. (5.0 m)
Frequency
100 to 240 V AC, 50 – 60 Hz
Power
<550 W (400 W typical)
Input and Ambient
Voltage, frequency
100 to 240 V AC, 50 – 60 Hz
Power
<550 W (400 W typical)
Operating ambient temperature
15 to 35°C
Relative humidity, non-condensing
10 – 80%
Storage temperature
-20 to 55°C
QA-CH Chiller
Parameter
Specification
Cooling capacity
>300 W
Refrigerant
R134a
Coolant
Distilled or tap water
Reservoir volume
<1 gal (3.8 l)
Coolant flow rate
<0.4 gpm at 6 psi (1.5 lpm at 0.4 atm)
Weight, reservoir empty
121 lbs (55 kg)
Hose length
Standard: 9.5 ft (2.9 m); optional: 16 ft (4.9 m)
Control cable length
10 ft (3.0 m)
Input and Ambient
Voltage, frequency1
90 to 110 and 180 to 220 V AC, 50 Hz
105 to 125 and 210 to 250 V AC, 60 Hz
Power
<1000 W (700 W typical)
Operating ambient temperature
15 to 35°C
Relative humidity, non-condensing
10 to 80%
Storage temperature
-20 to 55°C
Orientation
Upright position only
1. For 200/230 VAC version, the model number is QA-CH-E.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L4-9891510-100EHigh-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532M010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
SLD1236VLHigh-Power Red Laser Diode Supports ×16-Speed DVD Recording 1 2 List of Unclassifed Manufacturers
L4-9897603-100BHigh-Power 10 W 976 nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532S010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
1060-1100High-Power 10 W 9xx nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
LD098T980nm High-Power Laser Diode 1 2 3 4 List of Unclassifed Manufacturers
SLD3233VFHigh-Power Blue-Violet Laser Diode for Blu-ray Discs 1 2 List of Unclassifed Manufacturers
L4-2486-003High-Power 2 W 830 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation
L4-2495-001High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl