Electronic Components Datasheet Search
Selected language     English  ▼


Q-PS-A70R Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part No. Q-PS-A70R
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

   
 1 page
background image
COMMERCIAL LASERS
Key Features
• Highest commercially available pulse energy and peak power
• Tighter process control due to superior energy stability
enabled by unique intracavity harmonic generation
• Capable of processing widest range of materials due to wide
range of pulse energies and repetition rates
• High reliability due to low fluence in harmonic crystals and
no cavity optic coatings exposed to UV
• 355 or 532 nm outputs available
The JDSU Q Series lasers lead the market for high-power Q-switched diode-pumped
UV lasers used for a wide variety of micromachining and solar cell processing
applications. Whether for high pulse-energy processing of refractory materials
such as silicon; high repetition rate processing of packaging materials such as
Kapton; or patterning thin-film solar cells, the Q Series lasers deliver unsurpassed
performance combined with industry-leading uptime.
Due to the self-stabilizing characteristics of intracavity UV harmonic generation,
all Q Series lasers exhibit inherently high pulse-to-pulse energy and long-term
output power stability. In addition, the excellent thermal stability of the unique
Nd:YAG-based direct-coupled pump (DCP) architecture maintains exceptionally
stable beam position and profile, which is important for processes requiring
accurate feature placement. These advantages enable Q series lasers to achieve
the tightest possible process tolerances for micromachining and other materials
processing applications.
Applications
• Solar cell processing
• Wafer scribing
• Full-cut thin wafer dicing
• Low-k dielectric grooving
• Micro via drilling
• Micromachining of silicon and metals
High-Power Q-Switched Diode-Pumped UV Laser
Q Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L4-9891510-100EHigh-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532M010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
SLD1236VLHigh-Power Red Laser Diode Supports ×16-Speed DVD Recording 1 2 List of Unclassifed Manufacturers
L4-9897603-100BHigh-Power 10 W 976 nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
CDPS532S010Continuous Wave 532 nm Diode-Pumped Solid State Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
1060-1100High-Power 10 W 9xx nm Fiber-Coupled Diode Laser 1 2 3 4 5 MoreJDS Uniphase Corporation
LD098T980nm High-Power Laser Diode 1 2 3 4 List of Unclassifed Manufacturers
SLD3233VFHigh-Power Blue-Violet Laser Diode for Blu-ray Discs 1 2 List of Unclassifed Manufacturers
L4-2486-003High-Power 2 W 830 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation
L4-2495-001High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser 1 2 3 4 5 JDS Uniphase Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl