Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-34A Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # SPM-34A
Description  Selective Level Meters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SPM-34A Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  SPM-34A Datasheet HTML 1Page - JDS Uniphase Corporation SPM-34A Datasheet HTML 2Page - JDS Uniphase Corporation SPM-34A Datasheet HTML 3Page - JDS Uniphase Corporation SPM-34A Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
TEL
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
WEBSITE
: www.jdsu.com
SPM-32A/-33A/-34A/-35A/-36A SELECTIVE LEVEL METERS
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 30137329 500 0106
SPM32A36A.DS.ACC.TM.AE
Specifications
General Specifications
Power supply
Dry batteries (supplied)
2 x 9 V IEC 6 LF 22 (6LR61)
Battery pack (attaches to device)
BAZ-33
Line operation
separate LNT-2 adapter/charger
Operating time with dry batteries/NiMHs
approx. 8 h/2 h
with BAZ-33 battery pack
approx. 8 h
Ambient temperature
Nominal range of use
0 to +50°C
Limits operating range
–10 to +55°C
Storage and transport
–30 to +70°C
Dimensions (w x h x d)
110 x 60 x 200 mm
Weight with batteries/with BAZ-33
approx. 1 kg/1.5 kg
Ordering Information
Type
Frequency range
Connectors
Noise measurement
Order number
Versacon
Balance
SPM-32A 50 Hz to
CF
dBm/dBm0
BN 4033/11
620 kHz
WECO
dBrnC/dBrnC0
BN 4033/12
SPM-33A 50 Hz to
CF
dBm/dBm0
BN 4033/01
2 mHz
WECO
dBrnC/dBrnC0
BN 4033/02
I-214
dBm/dBm0
BN 4033/03
SPM-34A 50 Hz to 2 MHz
CF
dBm/dBm0
BN 4033/20
SPM-35A 50 Hz to 2 MHz
CF
dBm/dBm0
BN 4033/20
SPM-36A 50 Hz to
CF
dBm/dBm0
BN 4033/36
3.5 MHz
WECO
dBrnC/dBrnC0
BN 4033/37
Supplied accessories: two dry batteries
Options (to be ordered together with the device [can only be factory fitted])
124
Ω instead of 150 Ω
BN 4033/00.60
135
Ω instead of 150 Ω
BN 4033/00.61
140
Ω instead of 150 Ω
BN 4033/00.62
100 Hz bandwidth instead of the 25 Hz bandwidth
BN 4033/00.52
Bandwidth 300 Hz instead of 400 Hz (for SPM-34A only)
BN 4033/00.24
Accessories
BAZ-33 battery pack, can be recharged with LNT-2
BN 4033/00.10
LNT-2 A.C. adapter/charger
BN 4071/90.02
Please specify power cord required
European plug
K 490
US plug (also suitable for Japan)
K 491
UK plug
K 492
Australian plug
K 493
SDG-40 Balanced Attenuator
BN 4608/00.01
PLCP-40 Unbalanced Attenuator
BN 9203/01
No. 10 Leather pouch, for one device and BAZ-33
BN 4071/23
Carrying strap
BN 4033/00.01
MK-1 Equipment case for one device with BAZ-33, additional LNT-2 or BAZ-33
BN 4071/09
MK-4 Equipment case for two devices with BAZ-33, two additional LNT-2 or BAZ-33
BN 4071/21


Similar Part No. - SPM-34A

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
143Kb / 4P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
147Kb / 5P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
147Kb / 5P
   125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AWG OPTOWAY-SPM-3102AWG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AWG OPTOWAY-SPM-3102AWG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results

Similar Description - SPM-34A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
   Utility meters
logo
Sciosense B.V.
AS6040 SCIOSENSE-AS6040 Datasheet
3Mb / 213P
   Ultrasonic Flow Meters for Gas Meters
v2 2020-Aug-26
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
   Smart meters
logo
Extech Instruments Corp...
EA31 EXTECH-EA31_15 Datasheet
209Kb / 1P
   EasyView??Light Meters
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Hamamatsu Corporation
C6080 HAMAMATSU-C6080 Datasheet
141Kb / 2P
   UV Power METERS
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com