Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-36A Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # SPM-36A
Description  Selective Level Meters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SPM-36A Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  SPM-36A Datasheet HTML 1Page - JDS Uniphase Corporation SPM-36A Datasheet HTML 2Page - JDS Uniphase Corporation SPM-36A Datasheet HTML 3Page - JDS Uniphase Corporation SPM-36A Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Accurate, stable frequency settings
The built-in synthesizer and 1 Hz frequency resolution allows accurate, stable fre-
quency settings across the entire range. This greatly simplifies tuning to pilots
using a narrow resolution bandwidth. The instrument key, with user selectable
step size, is useful for measurements on evenly spaced channels. Fixed frequencies
such as pilots can be stored in the memory to speed up routine tests.
Absolute and relative level measurements
The digital display indicates absolute and relative level with 0.01 dB resolution,
allowing measurements of very small level differences. The fast bar graph is very
useful for alignment work.
Straightforward operation
The display provides a quick overview of all functions currently in use. Other
functions such as frequency scan, AFC, demodulation, setups, and storage of fixed
frequencies contribute to fast and error-free test procedures.
Field application
The instrument is ideal for such field applications as in-service testing and
maintenance, due to its simple operation, wide temperature range, rugged design,
and flexible options for powering – AC line or batteries.
2
SPM-32A/-33A/-34A/-35A/-36A SELECTIVE LEVEL METERS


Similar Part No. - SPM-36A

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3602AG OPTOWAY-SPM-3602AG Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602AG OPTOWAY-SPM-3602AG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602AG OPTOWAY-SPM-3602AG Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602ALG OPTOWAY-SPM-3602ALG Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602ALG OPTOWAY-SPM-3602ALG Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-36A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
   Utility meters
logo
Sciosense B.V.
AS6040 SCIOSENSE-AS6040 Datasheet
3Mb / 213P
   Ultrasonic Flow Meters for Gas Meters
v2 2020-Aug-26
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
   Smart meters
logo
Extech Instruments Corp...
EA31 EXTECH-EA31_15 Datasheet
209Kb / 1P
   EasyView??Light Meters
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Hamamatsu Corporation
C6080 HAMAMATSU-C6080 Datasheet
141Kb / 2P
   UV Power METERS
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com