Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWM-2F4MS2725 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # DWM-2F4MS2725
Description  Multi-Channel Mux/Demux Module 200 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

DWM-2F4MS2725 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  DWM-2F4MS2725 Datasheet HTML 1Page - JDS Uniphase Corporation DWM-2F4MS2725 Datasheet HTML 2Page - JDS Uniphase Corporation DWM-2F4MS2725 Datasheet HTML 3Page - JDS Uniphase Corporation DWM-2F4MS2725 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Low insertion loss
• Exceptional reliability and environmental stability
• Low polarization dependent loss (PDL)
• Flat and wide passband
• High demux channel isolation
• Customizable with tap and multi-channel or band capabilities
JDSU multi-channel multiplexer/demultiplexer (mux/demux) modules are
available on ITU channel spacings of 200, 100, and 50 GHz, as well as on bands of
ITU channels.
Manufactured using laser welding technology, the integrated mux/demux module
components exceed Telcordia GR-1221 requirements. The modules, themselves,
demonstrate low loss, temperature insensitivity, and reliable performance in any
system application.
Fixed mux/demux modules offer low-cost wavelength management solutions that
are suitable for long haul, metro, and access applications. Easily customizable,
these devices are configured by number of channels for any customer-specific
channel plan.
Packaging options include fiber type, connectors, footprint, and integration of
taps and detectors for a complete dense wavelength division multiplexing
(DWDM) solution.
Established volume capability and proven experience in customizing fiberoptic
components and modules make JDSU the supplier of choice.
Applications
• Access/enterprise networks
•Metro networks
• Long haul networks
• Denser channel plans (50 GHz when
used in conjunction with an optical
frequency interleaver)
• Test bench/systems
Compliance
• Telcordia GR-1221
Multi-Channel Mux/Demux Module 200 GHz Spacing
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - DWM-2F4MS2725

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
   MICRO BOARD STACKER
logo
JDS Uniphase Corporatio...
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2722 JDSU-DWM-1F4DS2722 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2723 JDSU-DWM-1F4DS2723 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2724 JDSU-DWM-1F4DS2724 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
More results

Similar Description - DWM-2F4MS2725

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
FWM-T40D7F09 JDSU-FWM-T40D7F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
logo
Finisar Corporation.
FWSF-D-40-M FINISAR-FWSF-D-40-M Datasheet
263Kb / 3P
   40 channels 100G DWDM MUX/DEMUX Module
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com